Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQXXXENA1ZPH Fiches technique(PDF) 5 Page - Sharp Corporation

No de pièce PQXXXENA1ZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQXXXENA1ZPH Fiches technique(HTML) 5 Page - Sharp Corporation

  PQXXXENA1ZPH Datasheet HTML 1Page - Sharp Corporation PQXXXENA1ZPH Datasheet HTML 2Page - Sharp Corporation PQXXXENA1ZPH Datasheet HTML 3Page - Sharp Corporation PQXXXENA1ZPH Datasheet HTML 4Page - Sharp Corporation PQXXXENA1ZPH Datasheet HTML 5Page - Sharp Corporation PQXXXENA1ZPH Datasheet HTML 6Page - Sharp Corporation PQXXXENA1ZPH Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Sheet No.: OP06064
PQxxxENA1ZPH Series
-60 -40 -20 0
40
80
20
60
100 120 140
-0.500
-0.400
-0.300
-0.200
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
VC=2.7V,IO=5mA
CIN=1μF,CO=10μF
PQ025ENA1ZPH
:
VIN=3.5V~8.5V
PQ033ENA1ZPH
:
VIN=4.3V~9.3V
Fig.12 Line Regulation vs. Ambient
Temperature
Ambient temperature Ta (°C)
-60 -40 -20 0
40
80
20
60
100 120 140
-1.000
-0.800
-0.600
-0.400
-0.200
0.000
0.200
0.400
0.600
0.800
1.000
PQ025ENA1ZPH
:
VIN=3.5V
VC=2.7V
IO=5mA~1A
CIN=1μF,CO=10μF
PQ033ENA1ZPH
:
VIN=4.3V
Fig.13 Load Regulation vs. Ambient
Temperature
Ambient temperature Ta (°C)
-60 -40 -20 0
40
80
20
60
100 120 140
1.400
1.200
1.000
0.800
0.600
0.400
0.200
0.000
PQ025ENA1ZPH
:VIN
=3.5V
PQ033ENA1ZPH
:VIN
=4.3V
VC=2.7V
IO=0A
CIN=1μF
CO=10μF
Fig.14 Quiescent Current vs. Ambient
Temperature (PQxxxENA1ZPH)
Ambient temperature Ta (°C)
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
1.0
125°C
85°C
50°C
25°C
0°C
-40°C
-55°C
VIN=4.3V,IO=0A
CIN=1μF,CO=1μF
Fig.15 Output Voltage vs. ON/OFF
Control Voltage (PQ033ENA1ZPH)
ON/OFF control voltage VC (V)
0
1.0 2.0 3.0
5.0
7.0
Input voltage VIN(V)
4.0
6.0
8.0 9.0 10.0
0
-0.5
-1.0
-1.5
0.5
1.0
VC=2.7V,IO=0A
CIN=1μF
CO=1μF(Ceramic capacitor)
Ta=Room temp.
Fig.16 Output Voltage Deviation vs. Input
Voltage (PQ025ENA1ZPH)
0
1.0 2.0 3.0
5.0
7.0
4.0
6.0
8.0 9.0 10.0
0
-0.5
-1.0
-1.5
0.5
1.0
VC=2.7V,IO=0A
CIN=1μF
CO=1μF(Ceramic capacitor)
Ta=Room temp.
Fig.17 Output Voltage Deviation vs. Input
Voltage (PQ033ENA1ZPH)
Input voltage VIN(V)


Numéro de pièce similaire - PQXXXENA1ZPH

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Description similaire - PQXXXENA1ZPH

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com