Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ1KXX3M2ZP Fiches technique(PDF) 2 Page - Sharp Corporation

No de pièce PQ1KXX3M2ZP
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1KXX3M2ZP Fiches technique(HTML) 2 Page - Sharp Corporation

  PQ1KXX3M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1KXX3M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1KXX3M2ZP Datasheet HTML 3Page - Sharp Corporation PQ1KXX3M2ZP Datasheet HTML 4Page - Sharp Corporation PQ1KXX3M2ZP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ1Kxx3M2ZP Series
s Electrical Characteristics
Output voltage
Load regulation
❇4
❇4
❇6
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Output noise voltage
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
Quienscent current
Output OFF-state dissipation current
Symbol
Vo
RegL
RegI
TcVo
RR
Vno(rms)
VI–O
Vc(on)
Ic(on)
Vc(off)
Iq
Iqs
Conditions
Io=5mA to 300mA
VIN=Vo(TYP.)+1V to
Vo(TYP.)+6V(MAX. 9V)
Io=10mA,Tj=–25 to +75˚C
10Hz<f<100kHz,
Io=30mA,Cn=0.1
µF
Io=300mA,❇5
Vc=1.8V
Io=0mA
Vc=0.2V
MIN.
Refer to the table below
1.8
TYP.
3.0
0.05
70
30
5
MAX.
35
160
20
0.7
30
0.4
500
1
Unit
V
mV
mV
mV/˚C
dB
µV
V
V
µA
V
µA
µA
Parameter
(Unless otherwise specified, Vin=Vo(TYP.)+1.0V, Io=30mA, Vc=1.8V, Ta=25˚C)
❇4 Typical value at output voltage is 3.0V type.
❇5 Input voltage when output voltage lowers 100m V from the voltage at Vin=Vo(TYP.)+1.0V.
❇6 In case of opening control terminal
, output voltage turns off.
3
s Output Voltage Line-up
❇7 Output
voltage
PQ1K183M2ZP
PQ1K213M2ZP
PQ1K253M2ZP
PQ1K303M2ZP
PQ1K333M2ZP
PQ1K343M2ZP
PQ1K503M2ZP
Symbol
Vo
Conditions
MIN.
1.740
2.040
2.440
2.940
3.234
3.332
4.900
TYP.
1.8
2.1
2.5
3.0
3.3
3.4
5.0
MAX.
1.860
2.160
2.560
3.060
3.366
3.468
5.100
Unit
V
Parameter
(VIN=Vo(TYP.)+1.0V,Io=30mA,Vc=1.8V,Ta=25˚C)
❇7 It is available for every 0.1V (1.3V to 5V)
Fig.1
Test Circuit
RL
IC(ON)
VC
IO
VO
+
10
µF
+
1
µF
0.01
µF
A
Iq, Iqs
A
A
6
4
3
1
2
5
V
Fig.2
Test Circuit for Ripple Rejection
+
VIN=VO(TYP)+1.0V
IO=10mA
RR=20log(ei(rms)/eo(rms))
f=400Hz(sine wave)
ei(rms)=100mV
VC=1.8V
eo
VIN
RL
VC
+
10
µF
+
1
µF
0.01
µF
6
4
3
1
2
5
~
ei
V
~


Numéro de pièce similaire - PQ1KXX3M2ZP

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PQ1K213M2ZP SHARP-PQ1K213M2ZP Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
PQ1K253M2ZP SHARP-PQ1K253M2ZP Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
PQ1K303M2ZP SHARP-PQ1K303M2ZP Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
PQ1K333M2ZP SHARP-PQ1K333M2ZP Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
PQ1K333M2ZPH SHARP-PQ1K333M2ZPH Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
More results

Description similaire - PQ1KXX3M2ZP

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
   Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com