Moteur de recherche de fiches techniques de composants électroniques |
|
GP1S94J0000F Fiches technique(PDF) 4 Page - Sharp Corporation |
|
GP1S94J0000F Fiches technique(HTML) 4 Page - Sharp Corporation |
4 / 10 page 4 Sheet No.: D3-A00501EN GP1S94J0000F ■ Absolute Maximum Ratings ■ Electro-optical Characteristics (Ta=25˚C ) Parameter Symbol Rating Unit Input Forward current IF 50 mA Reverse voltage VR 6V Power dissipation P 75 mW Output Collector-emitter voltage VCEO 35 V Emitter-collector voltage VECO 6V Collector current IC 20 mA Collector power dissipation PC 75 mW Total power dissipation Ptot 100 mW Operating temperature Topr −25 to +85 ˚C Storage temperature Tstg −40 to +100 ˚C ∗1Soldering temperature Tsol 260 ˚C ∗1 For 5s or less (Ta=25˚C ) Parameter Symbol Condition MIN. TYP. MAX. Unit Input Forward voltage VF IF=20mA − 1.2 1.4 V Reverse current IR VR=3V −− 10 μA Output Collector dark current ICEO VCE=20V −− 100 nA Transfer charac- teristics Collector current IC VCE=5V, IF=5mA 40 − 400 μA Collector-emitter saturation voltage VCE(sat) IF=10mA, IC=40μA −− 0.4 V Response time Rise time tr VCE=5V, IC=100μA, RL=1kΩ − 50 150 μs Fall time tf − 50 150 μs Soldering area |
Numéro de pièce similaire - GP1S94J0000F |
|
Description similaire - GP1S94J0000F |