Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

B32329 Fiches technique(PDF) 6 Page - EPCOS

No de pièce B32329
Description  AC Film Capacitors Motor Run UL Series - Construction Only
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32329 Fiches technique(HTML) 6 Page - EPCOS

  B32329 Datasheet HTML 1Page - EPCOS B32329 Datasheet HTML 2Page - EPCOS B32329 Datasheet HTML 3Page - EPCOS B32329 Datasheet HTML 4Page - EPCOS B32329 Datasheet HTML 5Page - EPCOS B32329 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC Film Capacitors
B 32 329
Motor Run
UL Series – Construction Only
Issue No. 2
07/01
Page 6 of 6
UN
Vac
CN
µF
Max. dimensions
d x l (mm)
Ordering code
Packing unit (pcs.)
450
3
30 x 62
B32329-B6305-+0$*
112
6
35 x 62
B32329-B6605-+0$*
84
8
35 x 71
B32329-B6805-+0$*
84
10
40 x 71
B32329-B6106-+0$*
45
12
40 x 71
B32329-B6126-+0$*
45
15
45 x 71
B32329-A6156-+0$*
45
20
45 x 71
B32329-A6206-+0$*
45
25
45 x 95
B32329-A6256-+0$*
45
30
45 x 95
B32329-A6306-+0$*
45
35
50 x 95
B32329-A6356-+0$*
32
40
45 x 120
B32329-A6406-+0$*
45
45
50 x 120
B32329-A6456-+0$*
32
50
50 x 120
B32329-A6506-+0$*
32
Notes for ordering code:
+ Replace for capacitance tolerance
J -
± 5%
K-
± 10%
$ Replace for construction
1 - Plastic case FRPP (UL94 V-2)
3 - Plastic case FRPP and M8 bolt
* Replace for wire length (Dimension ‘b’ in drawing)
1: 65 mm
3: 100 mm
5: 150 mm
7: 200 mm
9: 250 mm
 EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto
and the information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed
characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the
Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers'
Association), unless otherwise agreed.


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
B32321 AC Film Capacitors Motor Run UL Series - Construction Only 1  2  3  4  5  More EPCOS
B32320 AC Film Capacitors Motor Run 1  2  3  4  5  More EPCOS
B32324 AC Film Capacitors Motor Run 1  2  3  4  5  More EPCOS
B32327 AC Film Capacitors Motor Run 1  2  3  4  5  More EPCOS
B32328 AC Film Capacitors Motor Run 1  2  3  4  5  More EPCOS
MKTD06 Film Capacitors 1  2  Sharma Electro Components,Inc
MCR100_1 Thick film rectangular Low resistance series 1  2  3  4  5  Rohm
MKP3382X2 Interference Suppression Film Capacitors MKP Radial Potted Type 1  2  3  4  5  More Vishay Siliconix
H2D POLYPHENYLENE SULFIDE FILM CAPACITORS 1  2  RUBYCON CORPORATION
MTB METALLIZED POLYESTER FILM CAPACITORS 1  2  RUBYCON CORPORATION