Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SPX4041 Fiches technique(PDF) 5 Page - Sipex Corporation

No de pièce SPX4041
Description  Precision 1.24V Shunt Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041 Fiches technique(HTML) 5 Page - Sipex Corporation

  SPX4041_04 Datasheet HTML 1Page - Sipex Corporation SPX4041_04 Datasheet HTML 2Page - Sipex Corporation SPX4041_04 Datasheet HTML 3Page - Sipex Corporation SPX4041_04 Datasheet HTML 4Page - Sipex Corporation SPX4041_04 Datasheet HTML 5Page - Sipex Corporation SPX4041_04 Datasheet HTML 6Page - Sipex Corporation SPX4041_04 Datasheet HTML 7Page - Sipex Corporation SPX4041_04 Datasheet HTML 8Page - Sipex Corporation SPX4041_04 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
5
Top View
Bottom View
TO-92 (N)
1
3
2
N/C
Top View
2
1
3
4
8
7
6
5
8-Pin SOIC (S)
N/C
N/C
N/C
+
N/C
N/C
-
1
2
3
+
-
+
-
SOT-23-3 (M)
Figure 13. Low Battery Detector
Figure 14. Micropower 10V Reference
LO = Battery Low
SPX4041
150 pF
500 k
500 k
86.7 k
12V
+
-
SPX4041
1 M
+
-
V
IN = 12V to 20V
LM4250
3
7
2
4
8
22 M
3.5 M
500 k
150 pF
6
PACKAGE PINOUTS


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TL432C 1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1  2  3  Unisonic Technologies
AZ431L_07 LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
ADR1581 1.25 V Micropower Precision Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
LM4041 1.225V Precision micropower shunt voltage reference 1  2  3  4  5  More Zetex Semiconductors
ZRA245_06 PRECISION 2.45 VOLT VOLTAGE REFERENCE 1  2  3  4  5  Zetex Semiconductors
ADR1500 1.2875 V Micropower Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
REF102_07 10V Precision Voltage Reference 1  2  3  4  5  More Burr-Brown (TI)
ZRA250_06 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  5  Zetex Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn