Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC857M Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BC857M
Description  PNP general purpose transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC857M Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BC857M Datasheet HTML 2Page - NXP Semiconductors BC857M Datasheet HTML 3Page - NXP Semiconductors BC857M Datasheet HTML 4Page - NXP Semiconductors BC857M Datasheet HTML 5Page - NXP Semiconductors BC857M Datasheet HTML 6Page - NXP Semiconductors BC857M Datasheet HTML 7Page - NXP Semiconductors BC857M Datasheet HTML 8Page - NXP Semiconductors BC857M Datasheet HTML 9Page - NXP Semiconductors BC857M Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2004 Mar 10
6
Philips Semiconductors
Product specification
PNP general purpose transistors
BC857M series
GRAPHICAL INFORMATION BC857BM
handbook, halfpage
0
1000
200
400
600
800
MLE192
−10−2
−10−1
(1)
−1
IC (mA)
hFE
−10
−102
−103
(2)
(3)
Fig.6 DC current gain; typical values.
VCE = −5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLE193
−10−2
−10−1
(1)
−1
IC (mA)
VBE
(mV)
−10
−102
−103
(3)
(2)
Fig.7
Base-emitter voltage as a function of
collector current; typical values.
VCE = −5V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−104
−103
−102
−10
MLE194
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(2)
(3)
(1)
Fig.8
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLE195
−1
−10−1
IC (mA)
VBEsat
(mV)
−10
−102
−103
(1)
(3)
(2)
Fig.9
Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.


Numéro de pièce similaire - BC857M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC857M NXP-BC857M Datasheet
160Kb / 10P
   PNP general purpose transistors
2004 Mar 10
logo
Nexperia B.V. All right...
BC857M NEXPERIA-BC857M Datasheet
362Kb / 11P
   PNP general purpose transistors
2004 Mar 10
BC857M_SER NEXPERIA-BC857M_SER Datasheet
362Kb / 11P
   PNP general purpose transistors
2004 Mar 10
BC857M_SERIES NEXPERIA-BC857M_SERIES Datasheet
362Kb / 11P
   PNP general purpose transistors
2004 Mar 10
More results

Description similaire - BC857M

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com