Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMB1505W Fiches technique(PDF) 1 Page - Dc Components

No de pièce MMB1505W
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

MMB1505W Fiches technique(HTML) 1 Page - Dc Components

  MMB1505W Datasheet HTML 1Page - Dc Components MMB1505W Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMB
MMB
MMB
MMB
MMB
MMB
MMB
1505W
151W
152W
154W
156W
158W
1510W
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
* Diffused Junction
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 15 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MMB1505W
THRU
MMB1510W
MMB-25W
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Surge overload ratings - 300 Amperes
* Case: Metal case, electrically isolated
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 25 grams approx.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
15
300
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
Volts
Amps
DC Blocking Voltage per element
VF
IR
1.1
500
µAmps
Maximum DC Reverse Current at Rated
Maximum Forward Voltage Drop per element at 7.5A DC
Volts
10
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
0 C
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Case per leg.
I2t Rating for Fusing (t<8.3ms)
I2t
374
A2Sec
Typical Junction Capacitance (Note1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
R
θJC
2.5
0
C/W
@TA = 25
oC
@TA = 100
oC
* Metal case for Maximum Heat Dissipation
* Low forward voltage drop
* High Reliability
* High current capability
.042(1.1)
.038(1.0)
.591
(15.0)
.732(18.6)
.692(17.6)
.468(11.9)
.429(10.9)
1.142(29.0)
1.102(28.0)
TYP.
AC
AC
1.142(29.0)
1.102(28.0)
.732(18.6)
.692(17.6)
HOLE FOR
NO. 8 SCREW
.310(7.9)
.290(7.4)
.500
(12.7)
MAX.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn