Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SA1620 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce SA1620
Description  Low voltage GSM front-end transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1620 Fiches technique(HTML) 5 Page - NXP Semiconductors

  SA1620 Datasheet HTML 1Page - NXP Semiconductors SA1620 Datasheet HTML 2Page - NXP Semiconductors SA1620 Datasheet HTML 3Page - NXP Semiconductors SA1620 Datasheet HTML 4Page - NXP Semiconductors SA1620 Datasheet HTML 5Page - NXP Semiconductors SA1620 Datasheet HTML 6Page - NXP Semiconductors SA1620 Datasheet HTML 7Page - NXP Semiconductors SA1620 Datasheet HTML 8Page - NXP Semiconductors SA1620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Philips Semiconductors
Product specification
SA1620
Low voltage GSM front-end transceiver
1997 May 22
5
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCCXX
Supply voltages
-0.3 to +6.0
V
VBATT
Battery voltage
-0.3 to +8.0
V
VIN
Voltage applied to any other pin
-0.3 to (VCCXX+0.3)
V
∆V
VCCTx1,2 pins to VCCBM
-0.3 to +1
V
∆VG
Any GND pin to any other GND pin
0
V
PD
Power dissipation, TA = 25°C (still air)
800
mW
TJMAX
Maximum operating junction temperature
150
°C
PMAX
Maximum power input/output
+20
dBm
TSTG
Storage temperature range
–65 to +150
°C
VTXO, VTXOX
Positive RF peak voltage at Tx outputs
6
V
VRXIF, VRXIFX
Positive IF peak voltage at Rx mixer outputs
6
V
NOTE:
1. Maximum junction temperature is determined by the power dissipation is determined by the operating ambient temperature and the thermal
resistance,
θJA. 48-pin TQFP: θJA = 67°C/W.
DC REGULATORS
Two low drop regulators (REG1 and REG2) are included on the chip
and may be used to deliver the supply voltage of the main circuitry
(e.g., 3V) out of the battery (at VBATT = 3.3 to 7.5V) as shown in
Figure 4 and in Table 1.
REG1 is intended to supply, at least, the internal functions of the
SA1620. Both regulators may also be used for external circuitry.
For this application, different voltages may be programmed as
shown in Table 1.
The transmitter supply pins (VCCTx1,2) also operate as a sensor
connection in the feedback loop of REG1 and must be externally
connected to pin VREG1. For REG2, the sensor pin VREGF2 must
be connected to VREG2.
All ground pins are internally bonded to the header except for pins
GNDL1, GNDREG1 and GNDREG2.
When both regulators are not used, connect pins VBATT, PON,
CON1, CON2, VREG1, VREG2 and VREG2F2 to ground.
Table 1.
DC Reg Output Voltage Control Pins
CON1
CON2
VREG1
VREG2
UNITS
L
L
3
± 5%
3
± 5%
V
L
H
3.4
± 5%
3.4
± 5%
V
H
L
3.7
± 5%
3.7
± 5%
V
H
H
5.1
± 5%
5.1
± 10%
V
NOTES:
1. Logic levels at CON1 and CON2:
H – Open circuit. Pin must not be connected externally.
Logic high level supplied on chip.
L – Connected to ground.
2. Currents at CON1 and CON2:
H – 0
µA
L (PON = H) – 50
µA
L (PON = L) – <1
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn