Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA14 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PZTA14
Description  NPN Darlington transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZTA14 Fiches technique(HTML) 2 Page - NXP Semiconductors

  PZTA14 Datasheet HTML 1Page - NXP Semiconductors PZTA14 Datasheet HTML 2Page - NXP Semiconductors PZTA14 Datasheet HTML 3Page - NXP Semiconductors PZTA14 Datasheet HTML 4Page - NXP Semiconductors PZTA14 Datasheet HTML 5Page - NXP Semiconductors PZTA14 Datasheet HTML 6Page - NXP Semiconductors PZTA14 Datasheet HTML 7Page - NXP Semiconductors PZTA14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 14
2
Philips Semiconductors
Product specification
NPN Darlington transistor
PZTA14
FEATURES
• High current (max. 500 mA)
• Low voltage (max. 30 V).
APPLICATIONS
• Pre-amplifiers requiring high input impedance.
DESCRIPTION
NPN Darlington transistor in a SOT223 plastic package.
PNP complement: PZTA64.
PINNING
PIN
DESCRIPTION
1
base/input
2, 4
collector/output
3
emitter/ground
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
13
2
4
MAM319
TR2
2, 4
3
Top view
1
TR1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
30
V
VCES
collector-emitter voltage
VBE =0
30
V
VEBO
emitter-base voltage
open collector
10
V
IC
collector current (DC)
500
mA
ICM
peak collector current
800
mA
IB
base current (DC)
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1.25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Numéro de pièce similaire - PZTA14

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
PZTA14 SIEMENS-PZTA14 Datasheet
139Kb / 4P
   NPN Silicon Darlington Transistors
logo
Infineon Technologies A...
PZTA14 INFINEON-PZTA14 Datasheet
524Kb / 6P
   NPN Silicon Darlington Transistor
2011-10-04
logo
Fairchild Semiconductor
PZTA14 FAIRCHILD-PZTA14 Datasheet
55Kb / 3P
   NPN Darlington Transistor
logo
Nexperia B.V. All right...
PZTA14 NEXPERIA-PZTA14 Datasheet
280Kb / 8P
   NPN Darlington transistor
1999 Apr 14
logo
Infineon Technologies A...
PZTA14 INFINEON-PZTA14 Datasheet
42Kb / 4P
   NPN Silicon Darlington Transistors
Nov-30-2001
More results

Description similaire - PZTA14

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com