Moteur de recherche de fiches techniques de composants électroniques |
|
KBL410-G Fiches technique(PDF) 1 Page - Comchip Technology |
|
KBL410-G Fiches technique(HTML) 1 Page - Comchip Technology |
1 / 2 page Page1 Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com Case: Molded Plastic Terminals: Plated Leads Solderable Per MIL STD-202, Method 208 Weight: 5.6 grams (approx.) Mounting position: Any Mechanical Data: Maximum Ratings and Electrical Characteristics Diffused Junction Low Forward Voltage Drop High Reliability High Current Capability High Surge Current Capability Ideal for Printed Circuit Boards Features: Reverse Voltage: 50 ~ 1000 Volts Forward Current: 4.0 Amp KBL400-G thru KBL410-G Silicon Bridge Rectifiers “-G” suffix designated RoHS compliant version Note:1. Non-repetitive for t>1ms and < 8.3 ms 2. Thermal resistance junction to ambient mounted on PC board with 13.0 x 13.0 x 0.03 mm thick land areas. Dim A B C D E G H J Min. 18.50 13.70 15.20 6.00 4.00 - 19.00 1.20 Max 19.50 14.70 16.30 6.50 5.60 2.10 - 1.30 KBL All Dimension in mm D G E A B J C H + ~ ~ - KBL Rating at 25ºC unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate currently by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note1) @ TA = 75ºC Non-Repetitive Peak Forward Surge Current 8.3ms Single half-sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @ IF=2.0A Peak Reverse Current @ Tc=25ºC At Rated DC Blocking Voltage @ Tc=100ºC I2t Rating for Fusing (t<8.3ms) (Note1) Typical Thermal Resistance (Note2) Operating and Storage Temperature Range KBL 400-G 50 35 KBL 401-G 100 70 KBL 402-G 200 140 KBL 404-G 400 280 4 150 1.1 10 1.0 166 19 -65 to +125 UNIT V V A A V uA mA A2S K/W ºC Symbol VRRM VRWM VR VR(RMS) Io IFSM VFM IR I2t RθJC Tj, TSTG KBL 406-G 600 420 KBL 408-G 800 560 KBL 410-G 1000 700 |
Numéro de pièce similaire - KBL410-G |
|
Description similaire - KBL410-G |