Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC145012 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MC145012
Description  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC145012 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Sensors
6
Freescale Semiconductor
MC145012
Figure 3. AC Characteristics versus Supply
Figure 4. AC Characteristics versus Temperature
Figure 5. RC Component Variation Over Temperature
Pulse Width Of IRED
Period Or Pulse Width
Of Other Parameters
VDD, Power Supply Voltage (V)
1.02
0.98
0.96
1.00
1.04
6.0
7.0
8.0
9.0
10.0
11.0
12.0
TA = 25°C
NOTE: Includes external component
variations. See Figure 5.
Pulse Width Of IRED
Period Or Pulse Width
Of Other Parameters
TA, Ambient Temperature (°C)
- 10
0
10
20
30
40
50
60
1.02
1.01
0.99
0.98
1.00
VDD = 9.0 V
NOTE: Thes
e components were used to
generate Figure 4.
7.5 M
Ω Carbon Composition
100 k
Ω Metal Film
1500 Pf DIPPED MICA
TA, Ambient Temperature (°C)
- 10
0
10
20
30
40
50
60
1.03
1.02
1.01
1.00
0.99
0.98


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MC145010 Photoelectric Smoke Detector IC with I/O 1  2  3  4  5  More Freescale Semiconductor, Inc
MC145011 Photoelectric Smoke Detector IC with I/O For Line-Powered Applications 1  2  3  4  5  More Freescale Semiconductor, Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn