Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33991DW Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MC33991DW
Description  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33991DW Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33991DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33991
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TJ < 150°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
VPWR
6.5
26.0
V
V
PWR Supply Current
(Gauge 1 & 2 outputs ON, no output loads)
IPWR(ON)
4.0
6.0
mA
V
PWR Supply Current (all Outputs Disabled)
(Reset =logic 0, VDD =5 V)
(Reset =logic 0, VDD =0 V)
IPWSLP1
IPWRSLP2
42
15
60
25
µA
Over Voltage Detection Level (6)
VPWROV
26
32
38
V
Under Voltage Detection Level (7)
VPWRUV
5.0
5.6
6.2
V
Logic Supply Voltage Range (5 V nominal supply)
VDD
4.5
5.0
5.5
V
Under VDD Logic Reset
VDDUV
4.5
V
V
DD Supply Current (Sleep: Reset logic 0)
IDD(OFF)
40
65
µA
V
DD Supply Current (Outputs Enabled)
IDD(ON)
1.0
1.8
mA
Notes
6.
Outputs will disable and must be re-enabled via the PECR command.
7.
Outputs remain active; however, the reduction in drive voltage may result in a loss of position control.


Numéro de pièce similaire - MC33991DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
More results

Description similaire - MC33991DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com