Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33984BPNAR2 Fiches technique(PDF) 9 Page - Freescale Semiconductor, Inc

No de pièce MC33984BPNAR2
Description  Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33984BPNAR2 Fiches technique(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33984BPNAR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33984BPNAR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33984
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
Current Sense Ratio (CSR1) Accuracy
Output Current
5.0 A
10 A
12.5 A
15 A
20 A
25 A
CSR1_ACC
-25
-19
-18
-17
-18
-18
25
19
18
17
18
18
%
Current Sense Clamp Voltage
CSNS Open; IHS[0:1] = 29 A
VCL(CSNS)
4.5
6.0
7.0
V
Open Load Detection Current (11)
IOLDC
30
100
µA
Output Fault Detection Threshold
Output Programmed OFF
VOLD(THRES)
2.0
3.0
4.0
V
Output Negative Clamp Voltage
0.5 A < IHS[0:1] < 2.0 A, Output OFF
VCL
-20
-15
V
Overtemperature Shutdown (12)
TSD
160
175
190
°C
Overtemperature Shutdown Hysteresis (12)
TSD(HYS)
5.0
20
°C
Notes
11.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an open load condition when the specific output is commanded OFF.
12.
Guaranteed by process monitoring. Not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ V
DD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - MC33984BPNAR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33984BPNA/R2 FREESCALE-MC33984BPNA/R2 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
More results

Description similaire - MC33984BPNAR2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
   Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com