Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33970DW Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MC33970DW
Description  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33970DW Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33970DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33970DW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33970
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS (continued)
Output Flyback Clamp (10)
VFB
VST6 + 0.5 VST6 + 1.0
V
Output Current Limit (Output = VST6)
ILIM
40
100
170
mA
Overtemperature Shutdown (10)
OTSD
155
180
°C
Overtemperature Hysteresis (10)
OTHYST
8.0
16
°C
CONTROL I/O
Input Logic High Voltage (11)
VIH
2.0
V
Input Logic Low Voltage (11)
VIL
0.8
V
Input Logic Voltage Hysteresis (10)
VIN(HYST)
100
mV
Input Logic Pull Down Current (SI, SCLK)
IDWN
3.0
20
µA
Input Logic Pull-Up Current (CS, RST)
IUP
5.0
20
µA
SO High-State Output Voltage (IOH = 1.0 mA)
VSOH
0.8 VDD
V
SO Low-State Output Voltage (IOL = -1.6 mA)
VSOL
0.2
0.4
V
SO Tri-State Leakage Current (CS
≥ 3.5 V)
ISOLK
-5.0
0
5.0
µA
Input Capacitance (12)
CIN
4.0
12
pF
SO Tri-State Capacitance (12)
CSO
20
pF
ANALOG TO DIGITAL CONVERTER (RTZ ACCUMULATOR COUNT)
ADC Gain (10), (13)
GADC
100
188
270
Counts/V/
ms
Notes
10.
This parameter is guaranteed by design; however, it is not production tested.
11.
VDD = 5.0 V.
12.
Capacitance not measured. This parameter is guaranteed by design; however, it is not production tested.
13.
Reference Figure 8, RTZ Accumulator (Typical)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40°C < TA < 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - MC33970DW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
More results

Description similaire - MC33970DW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
   Integrated Circuit Dual, DC Motor Driver
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
   Integrated Circuit Dual Reversible Motor Driver
logo
ATMEL Corporation
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
   Integrated Circuit Dual Peak Power Meter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com