Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33797EKR2 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MCZ33797EKR2
Description  Four Channel Squib Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33797EKR2 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33797EKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33797EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33797
PIN CONNECTIONS
PIN CONNECTIONS
Figure 4. Pin Function Description
SQB_LO_2A
1
SQB_HI_2A
VFIRE_2A
VDIAG_2
VFIRE_RTN
VFIRE_RTN
R_DIAG
VFIRE_2B
SQB_HI_2B
FEN_2
SENSE_2B
SQB_LO_2B
R_LIMIT_2
RST
SENSE_2A
CS
SQB_LO_1A
SQB_HI_1A
VFIRE_1A
VDIAG_1
GND
MISO
VDD
VFIRE_1B
SQB_HI_1B
FEN_1
SENSE_1B
SQB_LO_1B
R_LIMIT_1
CLK
SENSE_1A
MOSI
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
Table 1. Pin Function Description
Pin
Pin Name
Pin Function
Formal Name
Pin Description
1
SQB_LO_1A
Output
Squib Lo 1A
Drain of the low-side switch that connects to the low pin of
Squib_1A
2
SENSE_1A
Input
Squib Sense 1A
Used during standard applications involving a four-channel
squib driver IC or during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
3
MOSI
Input
Data Input 1
Serial data input for SPI interface.
4
CLK
Input
Serial Clock
Serial clock input for SPI interface.
5
SQB_HI_1A
Output
Squib Hi 1A
Drain of the high-side switch that connects to the low pin of
Squib_1A
6
VFIRE_1A
Supply
Squib Firing Supply
1A
Firing supply pin for Squib_1A.
7
VDIAG_1
Input
Squib Diagnostic 1A
and 1A
Diagnostic pin for high-side safing sensor for squibs 1A and 1B
and the VFIRE supply voltage.
8
GND
Ground
Device Ground
Device ground pin for internal logic and diagnostic circuitry.
9
MISO
Output
Data Output 0
Serial data output for SPI interface.
10
VDD
Input
Logic Power
Device power pin for internal logic and diagnostic circuitry.
11
VFIRE_1B
Supply
Squib Firing Supply
1B
Firing supply pin for Squib_1B.
12
SQB_HI_1B
Output
Squib Hi 1B
Drain of the high-side switch that connects to the low pin of
Squib_1B
13
FEN_1
Input
FET Driver 1A and
1B
Active high input signal to enable operation of the squib_1A and
Squib_1BFET drivers.
14
R_LIMIT_1
Output
Limit Resistor - 1A
and 1B
External resistor to ground is used to set current limit for
Squib_1A and squib_1B FET drivers.


Numéro de pièce similaire - MCZ33797EKR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33793AEF FREESCALE-MCZ33793AEF Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
More results

Description similaire - MCZ33797EKR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com