Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33797EK Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc

No de pièce MCZ33797EK
Description  Four Channel Squib Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33797EK Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33797EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33797
PIN CONNECTIONS
15
SENSE_1B
Input
Squib Sense 1B
Used during standard applications involving a four-channel
squib driver IC and during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
16
SQB_LO_1B
Output
Squib Lo 1B
Drain of the low-side switch that connects to the low pin of
Squib_1B
17
SQB_LO_2B
Output
Squib Lo 2B
Drain of the low-side switch that connects to the low pin of
Squib_2B
18
SENSE_2B
Input
Squib Sense 2B
Used during standard applications involving a four-channel
squib driver IC and during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
19
R_LIMIT_2
Output
Limit Resistor - 2A
and 2B
External resistor to ground is used to set current limit for
Squib_2A and squib_2B FET drivers.
20
FEN_2
Input
FET Driver 2A
and 2B
Active high input signal to enable operation of the squib_2A and
Squib_2B FET drivers.
21
SQB_HI_2B
Output
Squib Hi 2B
Drain of the high-side switch that connects to the low pin of
Squib_2B.
22
VFIRE_2B
Supply
Squib Firing Supply
2B
Firing supply pin for squib_2B.
23
R_DIAG
Input
Limit Resistor -
Diagnostic
External resistor to ground is used to set the diagnostic current
for squib resistance.
24
VFIRE_RTN
Ground
Squib Fire Power
Ground
Power Ground for squibs 1A, 1B, 2A, and 2B
25
VFIRE_RTN
Ground
Squib Fire Power
Ground
Power Ground for squibs 1A, 1B, 2A, and 2B
26
VDIAG_2
Supply
Squib Diagnostic 2A
and 2b
Diagnostic pin for high-side safing sensor for squibs 2A and 2B
and the VFIRE supply voltage.
27
VFIRE_2A
Supply
Squib Firing Supply
2A
Firing supply pin for squib_ 2A
28
SQB_HI_2A
Output
Squib Hi 2A
Drain of the high-side switch that connects to the low pin of
Squib_2A
29
RST
Input
Reset
Reset, Active Low
30
CS
Input
Chip Select
Chip Select for SPI interface, Active Low
31
SENSE_2A
Input
Squib Sense 2A
Used during standard applications involving a four-channel
squib driver IC or during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
32
SQB_LO_2A
Output
Squib Lo 2A
Drain of the low-side switch that connects to the low pin of
Squib_2A
Table 1. Pin Function Description (continued)
Pin
Pin Name
Pin Function
Formal Name
Pin Description


Numéro de pièce similaire - MCZ33797EK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33793AEF FREESCALE-MCZ33793AEF Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
More results

Description similaire - MCZ33797EK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com