Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33793AEF Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MCZ33793AEF
Description  Distributed System Interface (DSI) Sensor Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33793AEF Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33793AEF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33793AEF Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33793
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
part is reset. The purpose of this is to allow the part to reset
itself if the connection to the master is lost or if power is
removed from the system.
5.0 V REGULATOR
The 5.0 V regulator supplies internal power for the device
and also provides approximately 6.0 mA through the
REGOUT pin to power an external sensor.
UNDERVOLTAGE DETECTOR
The undervoltage detector monitors the output voltage of
the 5.0 V regulator. If the REGOUT voltage drops too low for
accurate A/D operation, a signal is sent to the control logic.
The control logic will interpret this signal and, in response to
a command, report a status indicating an undervoltage
condition to have existed. When received, the command will
clear the signal after having read the status. If the voltage is
too low when the A/D conversion was completed, the
returned value will be zero (binary 00000000).
IO PINS 0 TO 3
The IO pins can serve as logic inputs, logic outputs, or
analog inputs. At power-up or after a clear, the pins are all
logic inputs and can be used to measure an analog level
value for an analog value request command. The pins can be
individually configured as logic inputs or outputs by the IO
Control command. If the pin is configured as a logic output,
reading the analog value will return the analog level the
output is being driven to.
ANALOG-TO-DIGITAL CONVERTER
The ADC is an 8-bit successive approximation type using
on-board capacitive division. It uses the Clk signal from the
on-board oscillator for sequencing.
The ADC uses REGOUT as a full-scale reference voltage
and ground AGND for a zero-level reference.
The ADC signals when it has made a valid conversion by
asserting a signal to the controller. If this signal is not
asserted when a value is being captured by the controller, the
controller will signal that an invalid A/D value was obtained.
The value of “0" (binary 00000000) is reserved by the
control logic to signal an error. A value of “0” from the ADC
will be reported as “1” (binary 00000001) by the control logic.
SERIAL ENCODER
The Serial Encoder accepts the digitized value from the
ADC and formatting/data from the Control Logic. A logic
transition from Idle to Signal High and then to Signal Low at
BUSIN will cause the first bit to be presented to the current
switch (Response Loading). A transition to Signal High and
back to Signal Low will cause the next bit to be presented to
the current switch. This will continue until a transition back to
Idle turns off the current switch.
SLEW
The slew circuit serves to reduce EMI produced as a result
of switching the bus loading current sink element. The slew
circuit limits the rise and fall time of current loading the bus by
controlling the current sinking element.
SWITCHED CURRENT SOURCE
A "1" data return bit will be signaled by turning on a fixed
current source. During signaling time, the 33793 will be using
power from H_CAP and not loading the bus for power. The
current will be drawn from either BUSIN or BUSOUT or split
between them. The split can be in any proportion as long as
the total is correct.
The current source is turned off whenever the bus is at Idle
level.
LEVEL DETECTOR
The level detector contains comparators to determine if
the BUSIN or BUSOUT is at idle, logic high, or logic low. The
inputs from BUSIN and BUSOUT are sensed by the device
so that if either side is driven by the signaling waveform while
the other is not, the signaling will be detected. This circuit also
provides a signal to indicate if the signal is being received on
the BUSOUT pin. If a "reverse initialization" command is
received, it can only be acted upon if the device is not already
initialized and if the signal is present on BUSOUT.
SERIAL DECODER
The Serial Decoder monitors transitions on the BUSIN or
BUSOUT. When the 33793 is Idle and supplying power to
itself and the external device(s) (via REGOUT), the input to
BUSIN will be in the Idle state. A transition from this level to
Signal Low (through Signal High) will start the process of
decoding a word of data. BUSIN is driven from Signal Low to
Signal High for each bit and back to Signal Low to start the
next bit. The determination of whether the bit was a one or a
zero is made by determining whether it spent more time low
(a zero) or high (a one). The end of the word is signaled by a
transition at the end of the last bit from Signal High to Idle.
The advantage of this method is that it will accept data over
a wide range of rates and is not dependent on an accurate
clock.
The controller will typically indicate a logic zero by
spending 2/3 of the bit period at Signal Low and 1/3 at Signal
High. A logic one would be 1/3 of the bit period at Signal Low
and 2/3 at Signal High.
CONTROL LOGIC
The control logic performs the digital operations carried
out by this device. Its principle functions include:
• Decoding input instructions.
• Control the general purpose I/O and LOGICOUT in
response to BUSIN or BUSOUT commands.
• Control A/D conversions.
• Form response word.
• Capture and store address.
• Control BUSSW.
• Reset device on power-up.
• Control the general purpose I/O logic configuration.


Numéro de pièce similaire - MCZ33793AEF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MCZ33793AEF/R2 NXP-MCZ33793AEF/R2 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results

Description similaire - MCZ33793AEF

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com