Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33790EGR2 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MCZ33790EGR2
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33790EGR2 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33790EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33790EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33790
ELECTRICAL CHARACTERISTICS
TIMING CHARACTERISTICS
TIMING CHARACTERISTICS
Figure 4. Timing Characteristics
5.0 V
0 V
5.0 V
0 V
25 V
1.5 V
5.0 V
0 V
0 mA
IRH
DSIxS
DSIxF
DSIxO
DSIxR
VIN(TH)
VIN(TH)
4.5 V
IOUT
tCYC
tCYCH
tDLY2
tCYCL
tRISE
tRISE
tFALL
tDLY1
tDVLD1
tSLEW(FRAME)
tSLEW(SIGNAL)
tDVLD3
tDVLD2
tDRH
tDRL
5.0 V
7.0 V
tDVLD4
tCYC
3.0 V
tTAT
DSIVOH
(Note (9))
(Note (8))
Note (7)
Notes
7.
Typical BUSIN/BUSOUT logic thresholds (VTHL) from MC33793 datasheet.
8.
tTAT (Turnaround Time) is dependent upon wire length, bus loads, and slave response characteristics.
9.
DSIxR stable on falling edge of DSIxS or rising edge of DSIxF.


Numéro de pièce similaire - MCZ33790EGR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Description similaire - MCZ33790EGR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com