Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33661EFR2 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MCZ33661EFR2
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33661EFR2 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33661EFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33661EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33661
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LIN PIN (VOLTAGE EXPRESSED VERSUS VSUP VOLTAGE)
Low-Level Bus Voltage (Dominant State)
External Bus Pullup 500
VDOM
1.4
V
High-Level Bus Voltage (Recessive State)
TXD HIGH, IOUT = 1.0 µA
VREC
VSUP - 1.0
V
Internal Pullup Resistor to VSUP (Normal Mode)
RPU
20
30
47
k
Internal Pullup Current Source (Sleep Mode)
IPU
20
µA
Overcurrent Shutdown Threshold
IOV-CUR
50
75
150
mA
Leakage Current to GND
Recessive State, 8.0 V
≤ V
SUP ≤ 18 V, 8.0 V ≤ VLIN ≤ 18 V
GND Disconnected, VGND = VSUP, VLIN at -18 V
VSUP Disconnected, VLIN at +18 V
ILEAK
0
-1.0
3.0
1.0
20
1.0
10
µA
mA
µA
LIN Receiver, Low-Level Input Voltage
TXD HIGH, RXD LOW
VLINL
0 VSUP
0.4 VSUP
V
LIN Receiver, High-Level Input Voltage
TXD HIGH, RXD HIGH
VLINH
0.6 VSUP
VSUP
V
LIN Receiver Threshold Center
(VLINH - VLINL) / 2
VLINTH
0.475 VSUP 0.5 VSUP 0.525 VSUP
V
LIN Receiver Input Voltage Hysteresis
VLINH - VLINL
VLINHYST
0.175 VSUP
V
LIN Wake-Up Threshold Voltage
VLINWU
0.5 VSUP
V
INH OUTPUT PIN
Driver ON Resistance (Normal Mode)
INHON
35
70
Leakage Current (Sleep Mode)
0 V < VINH < VSUP
ILEAK
0
5.0
µA
WAKE INPUT PIN
Typical Wake-Up Threshold Voltage (EN = 0 V, 7.0 V
≤ V
SUP ≤ 18 V)
(5)
HIGH-to-LOW Transition
LOW-to-HIGH Transition
VWUTH
0.3 VSUP
0.4 VSUP
0.43 VSUP
0.55 VSUP
0.55 VSUP
0.65 VSUP
V
Wake-Up Threshold Voltage Hysteresis
VWUHYST
0.1 VSUP
0.16 VSUP
0.2 VSUP
V
WAKE Input Current
VWAKE < 27 V
IWU
1.0
5.0
µA
Notes
4
This parameter is guaranteed by design; however, it is not production tested.
5
When VSUP > 18 V, the wake-up voltage thresholds remain identical to the wake-up thresholds at 18 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - MCZ33661EFR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33689DEW FREESCALE-MCZ33689DEW Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
MCZ33689DEWR2 FREESCALE-MCZ33689DEWR2 Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
More results

Description similaire - MCZ33661EFR2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com