Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33395EW Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MCZ33395EW
Description  Three-Phase Gate Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33395EW Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33395EW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33395EW Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33395
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 5). These gate drive outputs supply the peak currents
required to turn ON and hold ON the low-side MOSFETs, as
well as turn OFF the MOSFETs.
VDD FUSE
The VDD supply of the 33395 IC has an internal fuse, which
will blow and set all outputs of the device to OFF, if the VDD
voltage exceeds that stated in the maximum rating section of
the data sheet. When this fuse blows, the device is
permanently disabled.
ISENS INPUTS
The +I
sens and -Isens pins are inputs to the internal
current sense comparator. In a typical application, these
would receive a a low-pass filtered voltage derived from a
current sense resistor placed in series with the ground return
of the three-phase output bridge. When triggered by the
comparator, the CL (current limit) bit of the internal error
register is set, and the output gate drive pairs (i.e., GDH1 and
GDL1, GDH2 and GDL2, GDH3 and GDL3), are controlled
such that current will cease flowing through the load (refer to
Table 5, Truth Table, page 12).
OVERTEMPERATURE AND OVERVOLTAGE
SHUTDOWN CIRCUITS
Internal monitoring is provided for both over temperature
conditions and over voltage conditions. When any of these
conditions presents itself to the IC, the corresponding
internally set bits of the error register are set, and the output
gate drive pairs (i.e., GDH1 and GDL1, GDH2 and GDL2,
GDH3 and GDL3), are controlled such that current will cease
flowing through the load (refer to Table 5).
LSE AND HSE INPUT CIRCUITS
The low-side enable input pins (LSE1, LSE2, LSE3) and
high-side enable input pins (HSE1, HSE2, HSE3) form the
input pairs (HSE1 and LSE1, HSE2 and LSE2, HSE3 and
LSE3) which set the logic states of the output gate drive pairs
(i.e., GDH1 and GDL1, GDH2 and GDL2, GDH3 and GDL3)
in accordance with the logic set forth in the Truth Table
(page 12). Typically these inputs are supplied from an MCU
or DSP to provide the phasing of the currents applied to a
brushless dc motor's stator coils via the output MOSFET
pairs.
PWM INPUT
The pulse width modulation input provides a single input
pin to accomplish PWM modulation of the output pairs in
accordance with the states of the Mode 0 and Mode 1 inputs
as set forth in the Truth Table (page 12).
MODE SELECTION INPUTS
The mode selection inputs (Mode 0 and Mode 1)
determine the PWM implementation of the output pairs in
accordance with the logic set forth in the Truth Table
(page 12). PWMing can thus be set to occur either on the
high-side MOSFETs or the low-side MOSFETs, or can be set
to occur on both the high-side and low-side MOSFETs as
"complementary chopping".
TEST PIN
This pin should be grounded or left floating (i.e., do not
connect it to the printed circuit board). It is used by the
automated test equipment to verify proper operation of the
internal overtemperature shut down circuitry. This pin is
susceptible to latch-up and therefore may cause erroneous
operation or device failure if connected to external circuitry.


Numéro de pièce similaire - MCZ33395EW

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33390EF FREESCALE-MCZ33390EF Datasheet
416Kb / 15P
   Class B Serial Transceiver
MCZ33390EFR2 FREESCALE-MCZ33390EFR2 Datasheet
416Kb / 15P
   Class B Serial Transceiver
MCZ33399EF FREESCALE-MCZ33399EF Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
MCZ33399EFR2 FREESCALE-MCZ33399EFR2 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
More results

Description similaire - MCZ33395EW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com