Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33291EG Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MCZ33291EG
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33291EG Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33291EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33291EG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33291
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 7. Valid Data Delay Time and
Valid Time Waveforms
Figure 8. Enable and Disable Time Waveforms
Figure 9. Switching Time Test Circuit
Figure 10. Output Fault Unlatch Disable
Delay Test Circuit
SCLK
SO
SO
(Low-to-High)
(High-to-Low)
tVALID
tDLY(LH)
tDLY(HL)
0.2 VDD
0.7 VDD
tR (SO)
tF (SO)
0.7 VDD
0.2 VDD
0.7 VDD
50%
0.2 VDD
0
tR (SI)
< 50 ns
< 50 ns
tF (SI)
5.0 V
VOH
VOL
VOH
VOL
SO (Low-to-High) is for an output with internal conditions such that
the low-to-high transition of CS causes the SO output to switch from
high to low.
90%
10%
10%
10%
90%
90%
CS
SO
SO
(High-to-Low)
(Low-to-High)
0.2 VDD
0.7 VDD
< 50 ns
< 50 ns
tR(SI)
tF(SI)
tSO(EN)
tSO(DIS)
tSO(EN)
tSO(DIS)
VTri-State
5.0 V
0
tSO(DIS)
VTri-State
VOH
1. SO (high-to-low) waveform is for SO output with internal conditions such
that SO output is low except when an output is disabled as a result of de-
tecting a circuit fault with CS in a High Logic state; e.g., open load.
2. SO (low-to-high) waveform is for SO output with internal conditions such
that SO output is high except when an output is disabled as a result of de-
tecting a circuit fault with CS in a High Logic state; e.g., shortened load.
CL represents the total capacitance of the test fixture and probe.
CS
Output
CL
33291
Under
Test
VDD = 5.0 V
VPWR = 14 V
RL = 26 Ω
CS
Output
CL = 20 pF
33291
Under
Test
VDD = 5.0 V
VPWR = 11 V
CL represents the total capacitance of the test fixture and probe.
ΙL = 2.0 Α
(Ουτπυτ ΟΝ)


Numéro de pièce similaire - MCZ33291EG

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33291EG FREESCALE-MCZ33291EG Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MCZ33291EG NXP-MCZ33291EG Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
MCZ33291EGR2 FREESCALE-MCZ33291EGR2 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MCZ33291EGR2 NXP-MCZ33291EGR2 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results

Description similaire - MCZ33291EG

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com