Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC8179TK Fiches technique(PDF) 5 Page - California Eastern Labs

No de pièce UPC8179TK
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8179TK Fiches technique(HTML) 5 Page - California Eastern Labs

  UPC8179TK Datasheet HTML 1Page - California Eastern Labs UPC8179TK Datasheet HTML 2Page - California Eastern Labs UPC8179TK Datasheet HTML 3Page - California Eastern Labs UPC8179TK Datasheet HTML 4Page - California Eastern Labs UPC8179TK Datasheet HTML 5Page - California Eastern Labs UPC8179TK Datasheet HTML 6Page - California Eastern Labs UPC8179TK Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UPC8179TK
TYPICAL SCATTERING PARAMETERS (TA = 25˚C)
Coordinates in Ohms
Frequency in GHz
0.100 to 3.000 GHz by 0.100
VCC = VOUT = 3.0 V
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
K
MAG
(lin)
(deg)
(lin)
(deg)
(lin)
(deg)
(lin)
(deg)
Unitless dB
0.100
0.84
-15.44
0.000
144.28
1.10
-177.39
1.00
-1.76
0.21
33.63
0.200
0.71
-23.58
0.001
74.92
1.11
-172.09
0.99
-3.33
3.26
20.89
0.300
0.62
-26.85
0.003
79.88
1.18
-167.46
0.98
-4.59
2.99
18.84
0.400
0.57
-27.79
0.004
74.10
1.29
-163.89
0.97
-5.92
3.20
17.29
0.500
0.53
-28.46
0.004
69.27
1.43
-162.03
0.97
-7.05
3.64
16.66
0.600
0.51
-29.20
0.005
64.73
1.58
-161.77
0.96
-8.16
3.83
16.34
0.700
0.50
-30.41
0.005
57.60
1.76
-162.65
0.95
-9.33
3.87
16.49
0.800
0.49
-31.91
0.006
55.38
1.94
-164.38
0.94
-10.38
3.64
16.74
0.900
0.48
-33.73
0.006
52.35
2.14
-167.03
0.94
-11.45
3.54
17.08
1.000
0.48
-35.99
0.006
50.82
2.34
-170.16
0.93
-12.51
3.41
17.48
1.100
0.48
-38.71
0.007
46.83
2.54
-174.19
0.92
-13.62
3.29
17.79
1.200
0.48
-41.75
0.007
44.54
2.74
-178.44
0.92
-14.78
3.28
18.12
1.300
0.48
-45.45
0.006
43.45
2.94
176.74
0.91
-15.97
3.53
18.29
1.400
0.48
-49.58
0.006
40.78
3.14
171.66
0.90
-17.28
3.56
18.55
1.500
0.47
-54.02
0.006
41.20
3.32
166.25
0.90
-18.52
3.67
18.71
1.600
0.47
-58.93
0.006
41.10
3.48
160.62
0.89
-19.81
4.05
18.93
1.700
0.46
-64.06
0.005
46.39
3.63
154.76
0.88
-21.15
4.19
19.03
1.800
0.46
-69.22
0.006
41.00
3.75
148.78
0.88
-22.35
4.06
19.12
1.900
0.45
-74.64
0.005
41.04
3.85
142.70
0.87
-23.73
4.76
19.06
2.000
0.44
-80.15
0.005
46.54
3.92
136.64
0.87
-25.15
4.90
19.06
2.100
0.43
-85.84
0.005
48.59
3.95
130.61
0.86
-26.53
5.61
18.93
2.200
0.42
-91.30
0.004
58.65
3.98
124.75
0.86
-27.99
6.26
18.88
2.300
0.41
-97.01
0.004
70.83
3.97
119.03
0.86
-29.67
7.20
18.71
2.400
0.40
-102.52
0.004
78.30
3.95
113.51
0.86
-31.15
6.49
18.60
2.500
0.39
-107.66
0.005
83.94
3.90
108.09
0.85
-32.65
5.82
18.38
2.600
0.39
-112.50
0.005
86.81
3.86
103.05
0.85
-34.43
5.48
18.33
2.700
0.38
-117.21
0.005
91.39
3.79
97.97
0.85
-35.87
6.19
18.08
2.800
0.37
-121.34
0.005
100.87
3.73
93.14
0.85
-37.50
6.53
17.91
2.900
0.37
-125.50
0.005
108.40
3.64
88.56
0.85
-39.28
5.80
17.71
3.000
0.36
-129.41
0.006
110.47
3.57
84.13
0.85
-40.88
5.16
17.50
+90°
+45°
+0°
-45°
-90°
-135°
+180°
+135°
24
6
8
10
S22
S11
+90°
+45°
+0°
-45°
-90°
-135°
+180°
+135°
12
3
4
S21
Note:
1. Data taken at Device Under Test pins


Numéro de pièce similaire - UPC8179TK

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8179TK CEL-UPC8179TK Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC8179TK RENESAS-UPC8179TK Datasheet
419Kb / 29P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
logo
NEC
UPC8179TK-E2 NEC-UPC8179TK-E2 Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8179TK-E2 CEL-UPC8179TK-E2 Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Description similaire - UPC8179TK

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
UPC8178TK CEL-UPC8178TK Datasheet
593Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com