Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WP1384AL-GD Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce WP1384AL-GD
Description  3.4mm RIGHT ANGLE LED INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1384AL-GD Fiches technique(HTML) 2 Page - Kingbright Corporation

  WP1384AL-GD Datasheet HTML 1Page - Kingbright Corporation WP1384AL-GD Datasheet HTML 2Page - Kingbright Corporation WP1384AL-GD Datasheet HTML 3Page - Kingbright Corporation WP1384AL-GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF2044
REV NO: V.2
DATE: MAY/21/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102000407
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP1384AL/GD
Green (GaP)
GREEN DIFFUSED
8
15
60
°
Iv (mcd) [2]
@ 10mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR = 5V
Parameter
Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds


Numéro de pièce similaire - WP1384AL-GD

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
WP1384AL-ID KINGBRIGHT-WP1384AL-ID Datasheet
252Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AL-SRD KINGBRIGHT-WP1384AL-SRD Datasheet
251Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AL-YD KINGBRIGHT-WP1384AL-YD Datasheet
251Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
More results

Description similaire - WP1384AL-GD

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
WP1384AD-SRD KINGBRIGHT-WP1384AD-SRD Datasheet
248Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AD-ID KINGBRIGHT-WP1384AD-ID Datasheet
249Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AD-YD KINGBRIGHT-WP1384AD-YD Datasheet
248Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AL-YD KINGBRIGHT-WP1384AL-YD Datasheet
251Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP138A8QMP-SURDK-TG KINGBRIGHT-WP138A8QMP-SURDK-TG_15 Datasheet
253Kb / 6P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AL-ID KINGBRIGHT-WP1384AL-ID Datasheet
252Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP138A8QMP-YD-TG KINGBRIGHT-WP138A8QMP-YD-TG Datasheet
168Kb / 5P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AD-GD KINGBRIGHT-WP1384AD-GD Datasheet
248Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP1384AL-SRD KINGBRIGHT-WP1384AL-SRD Datasheet
251Kb / 4P
   3.4mm RIGHT ANGLE LED INDICATOR
WP138A8QMP-GD-TG KINGBRIGHT-WP138A8QMP-GD-TG Datasheet
165Kb / 5P
   3.4mm RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com