Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX8340MD-CC Fiches technique(PDF) 6 Page - California Eastern Labs

No de pièce NX8340MD-CC
Description  1310 nm AIGaInAs MQW-DFB LASER DIODE MODULE WITH DRIVER IN SMT PACKAGE FOR 10 GB/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX8340MD-CC Fiches technique(HTML) 6 Page - California Eastern Labs

  NX8340MD-CC Datasheet HTML 1Page - California Eastern Labs NX8340MD-CC Datasheet HTML 2Page - California Eastern Labs NX8340MD-CC Datasheet HTML 3Page - California Eastern Labs NX8340MD-CC Datasheet HTML 4Page - California Eastern Labs NX8340MD-CC Datasheet HTML 5Page - California Eastern Labs NX8340MD-CC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NX8340MD-CC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Optical Output Power
Pop
*1
4
1
dBm
Peak Emission Wavelength
λp
CW, Pf = Pop
1 290
1 330
nm
Side Mode Suppression Ratio
SMSR
CW, Pf = Pop
30
dB
Monitor Current
Im
Pf = Pop, VR = 1.5 V
*1
50
μ
A
Monitor Dark Current
ID
VR = 1.5 V
500
nA
Tracking Error
γ
Im = const. (Pf = Pop)
1.0
1.0
dB
Driver Power Supply Voltage
VCC
*1
4.75
5.0
5.5
V
Driver Power Supply Current
ICC
*1
250
mA
Bias Set Voltage
Vb
*1
1.7
2.15
V
Modulation Set Voltage
Vm
*1
1.0
1.2
V
Data Input Voltage
DIN, DINB
Differential input, AC-coupled
0.2
1.6
V
Thermistor Resistance
R
TC = 25°C, Non-operation
9.5
10.0
10.5
B Constant
B
3 350
3 450
3 550
K
Eye Mask Margin
MASK
Ex = 7 dB, Back to back
*1
5
%
Extinction Ratio
ER
*1
6
dB
Dispersion Penalty
DP
BER = 10−12, 40 ps/nm, SMF
*1
1
dB
Connector Repeatability
(Applicable to SC receptacle)
With master pigtail
1.0
1.0
dB
ELECTRO-OPTICAL CHARACTERISTICS (TC= 0 to +75ºC, BOL, unless otherwise specified)
*1 9.95/10.66 Gb/s, PRBS 231−1, NRZ, Duty Cycle = 50%
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
12/15/2004


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn