Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX8340MD-CC Fiches technique(PDF) 4 Page - California Eastern Labs

No de pièce NX8340MD-CC
Description  1310 nm AIGaInAs MQW-DFB LASER DIODE MODULE WITH DRIVER IN SMT PACKAGE FOR 10 GB/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX8340MD-CC Fiches technique(HTML) 4 Page - California Eastern Labs

  NX8340MD-CC Datasheet HTML 1Page - California Eastern Labs NX8340MD-CC Datasheet HTML 2Page - California Eastern Labs NX8340MD-CC Datasheet HTML 3Page - California Eastern Labs NX8340MD-CC Datasheet HTML 4Page - California Eastern Labs NX8340MD-CC Datasheet HTML 5Page - California Eastern Labs NX8340MD-CC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NX8340MD-CC
ORDERING INFORMATION
OPTICAL FIBER CHARACTERISTICS
PARAMETER
SPECIFICATION
UNIT
Mode Field Diameter
9.5±1.0
μ
m
Cladding Diameter
125±2
μ
m
Maximum Cladding
Noncircularity
2
%
Maximum Core/Cladding
Concentricity
1.6
%
Tight Buffer Diameter
900±100
μ
m
Cut-off Wavelength
< 1 270
nm
Minimum Fiber Bending
Radius
30
mm
Fiber Length
900 MIN.
mm
Flammability
UL1581 VW-1
PART NUMBER
AVAILABLE CONNECTOR/RECEPTACLE
NX8340MD-CC
With SC-UPC Connector


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn