Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX8340MD-CC Fiches technique(PDF) 2 Page - California Eastern Labs

No de pièce NX8340MD-CC
Description  1310 nm AIGaInAs MQW-DFB LASER DIODE MODULE WITH DRIVER IN SMT PACKAGE FOR 10 GB/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX8340MD-CC Fiches technique(HTML) 2 Page - California Eastern Labs

  NX8340MD-CC Datasheet HTML 1Page - California Eastern Labs NX8340MD-CC Datasheet HTML 2Page - California Eastern Labs NX8340MD-CC Datasheet HTML 3Page - California Eastern Labs NX8340MD-CC Datasheet HTML 4Page - California Eastern Labs NX8340MD-CC Datasheet HTML 5Page - California Eastern Labs NX8340MD-CC Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NX8340MD-CC
PACKAGE DIMENSIONS (UNIT : mm)
10.75
(15)
10.25
15-0.3
1.0
2.25


Numéro de pièce similaire - NX8340MD-CC

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NX8340MD-CC RENESAS-NX8340MD-CC Datasheet
247Kb / 11P
   LASER DIODE
2004
More results

Description similaire - NX8340MD-CC

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX8346TB RENESAS-NX8346TB Datasheet
196Kb / 10P
   LASER DIODE 1310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
   10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Source Photonics, Inc.
C-13-DFB10-TJ-SSC2I SOURCE-C-13-DFB10-TJ-SSC2I Datasheet
1Mb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TA-SSCMI SOURCE-C-13-DFB10-TA-SSCMI Datasheet
1Mb / 8P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
   LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com