Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE34018-TI-64-A Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce NE34018-TI-64-A
Description  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NE34018-TI-64-A Fiches technique(HTML) 3 Page - California Eastern Labs

  NE34018-TI-64-A Datasheet HTML 1Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 2Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 3Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 4Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 5Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 6Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 7Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 8Page - California Eastern Labs NE34018-TI-64-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VDS = 2 V, IDS = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.50
0.984
-15.1
4.945
165.0
0.020
80.6
0.807
-7.2
0.135
23.931
0.60
0.979
-18.0
4.908
162.3
0.023
78.9
0.803
-8.6
0.152
23.292
0.70
0.973
-21.0
4.899
159.4
0.027
77.0
0.798
-10.0
0.174
22.587
0.80
0.965
-23.9
4.871
156.7
0.031
75.3
0.793
-11.5
0.195
21.963
0.90
0.958
-26.8
4.843
153.9
0.034
73.7
0.788
-12.9
0.213
21.536
1.00
0.949
-29.8
4.825
151.1
0.038
72.1
0.781
-14.4
0.231
21.037
1.20
0.930
-35.7
4.783
145.6
0.045
68.7
0.767
-17.3
0.270
20.265
1.40
0.906
-41.5
4.723
140.2
0.052
65.4
0.751
-20.2
0.314
19.582
1.60
0.881
-47.5
4.660
134.7
0.058
62.2
0.734
-23.1
0.354
19.050
1.80
0.853
-53.6
4.605
129.3
0.064
59.1
0.715
-26.0
0.395
18.570
2.00
0.821
-59.8
4.531
123.8
0.070
56.0
0.696
-28.9
0.438
18.111
2.50
0.737
-76.3
4.332
110.5
0.082
48.2
0.648
-36.0
0.542
17.229
3.00
0.648
-94.2
4.092
97.6
0.092
41.4
0.600
-42.4
0.643
16.481
3.50
0.569
-113.6
3.805
85.3
0.098
35.3
0.556
-47.7
0.748
15.891
4.00
0.512
-133.0
3.516
73.9
0.102
30.5
0.518
-51.8
0.845
15.374
4.50
0.482
-150.9
3.248
63.8
0.105
27.2
0.480
-54.9
0.932
14.904
5.00
0.472
-165.2
3.025
54.7
0.108
25.3
0.444
-57.8
1.004
14.074
5.50
0.468
-175.7
2.846
46.4
0.112
24.5
0.405
-61.0
1.068
12.459
6.00
0.464
176.0
2.714
38.4
0.118
23.7
0.367
-65.4
1.107
11.622
6.50
0.456
167.9
2.601
30.5
0.126
22.4
0.331
-71.6
1.130
10.955
7.00
0.441
158.2
2.505
22.1
0.134
20.2
0.302
-80.8
1.149
10.372
7.50
0.422
144.3
2.417
13.3
0.142
18.0
0.283
-92.2
1.161
9.874
8.00
0.411
127.5
2.321
4.0
0.151
15.0
0.281
-105.9
1.152
9.503
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE34018
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S11
0.5 GHz
S11
8 GHz
S22
0.5 GHz
S22
8 GHz
1.00
2.00
3.00
4.00
5.00
90˚
270˚
180˚
225˚
315˚
135˚
45˚
S12
8 GHz
0.05
0.10 0.15
S12
0.5 GHz
S21
0.5 GHz
S21
8 GHz
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,


Numéro de pièce similaire - NE34018-TI-64-A

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

Description similaire - NE34018-TI-64-A

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com