Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLC-6SRD Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce DLC-6SRD
Description  20mm BIG LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DLC-6SRD Fiches technique(HTML) 1 Page - Kingbright Corporation

  DLC-6SRD Datasheet HTML 1Page - Kingbright Corporation DLC-6SRD Datasheet HTML 2Page - Kingbright Corporation DLC-6SRD Datasheet HTML 3Page - Kingbright Corporation DLC-6SRD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA4650
REV NO: V.10
DATE: MAY/22/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.H.CHEN
ERP: 1338000051
20mm BIG LAMP
Part Number: DLC/6SRD
Super Bright Red
Features
12 PINS.
HIGH LUMINOUS INTENSITY.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
CATEGORIZED FOR LUMINOUS INTENSITY.
EXCELLENT ON/OFF CONTRAST.
EASY MOUNTING ON P.C. BOARD OR SOCKETS.
SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Numéro de pièce similaire - DLC-6SRD

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
More results

Description similaire - DLC-6SRD

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
DLA-6SRD KINGBRIGHT-DLA-6SRD Datasheet
175Kb / 4P
   20mm BIG LAMP
DLC-6ID KINGBRIGHT-DLC-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUY20D6C SUNLED-FUY20D6C Datasheet
190Kb / 4P
   20mm BIG LAMP
FMG20D6A SUNLED-FMG20D6A Datasheet
193Kb / 4P
   20mm BIG LAMP
FMR20D6A SUNLED-FMR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
FMR20D6C SUNLED-FMR20D6C Datasheet
188Kb / 4P
   20mm BIG LAMP
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
   20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com