Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EPT26 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100EPT26
Description  Clock Management Design Using Low Skew and Low Jitter Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT26 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100EPT26 Datasheet HTML 1Page - ON Semiconductor MC100EPT26 Datasheet HTML 2Page - ON Semiconductor MC100EPT26 Datasheet HTML 3Page - ON Semiconductor MC100EPT26 Datasheet HTML 4Page - ON Semiconductor MC100EPT26 Datasheet HTML 5Page - ON Semiconductor MC100EPT26 Datasheet HTML 6Page - ON Semiconductor MC100EPT26 Datasheet HTML 7Page - ON Semiconductor MC100EPT26 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TND301
http://onsemi.com
3
Clock Management Highways
Clock Management is included in electronic systems that
contain backplanes (see Figure 4). Backplanes are the
physical highways for clocks. They are multilayer printed
circuit boards that are on the back of a card cage and have
connectors that each circuit card plugs into. The design of
the backplane is very critical to the performance of the Clock
Management system. Many factors must be considered for
a good backplane design.
The Clock Generator is typically on a circuit card with
Clock Distribution circuits. The clocks are distributed
throughout the cards on the backplane and each card may
then redistribute, delay, divide, and translate these clock
signals.
Backplanes are noisy due to the high amount of electronic
signal traffic. Standard connectors are also a problem on a
backplane since they do not offer a good transition due to
impedance mismatch. Most connectors do not offer
differential signal capability and do not provide adequate
ground pins for elimination of crosstalk. Backplanes tend to
slow down signals because they have multiple layers which
add capacitance and delay.
Figure 4. Example of Backplanes
Clock Management systems distribute clocks over backplanes in super–and mini–computers,
communication equipment like PABX, SONET/SDH systems, ATM, and advance test equipment.


Numéro de pièce similaire - MC100EPT26

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EPT26 ONSEMI-MC100EPT26 Datasheet
89Kb / 4P
   1:2 Fanout Differential LVPECL to LVTTL Translator
May, 2000 ??Rev. 2
MC100EPT26 ONSEMI-MC100EPT26 Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
MC100EPT26D ONSEMI-MC100EPT26D Datasheet
89Kb / 4P
   1:2 Fanout Differential LVPECL to LVTTL Translator
May, 2000 ??Rev. 2
MC100EPT26D ONSEMI-MC100EPT26D Datasheet
134Kb / 9P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
MC100EPT26D ONSEMI-MC100EPT26D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Description similaire - MC100EPT26

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com