Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM42-0007-DIE Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce AM42-0007-DIE
Description  GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0007-DIE Fiches technique(HTML) 2 Page - Tyco Electronics

  AM42-0007-DIE Datasheet HTML 1Page - Tyco Electronics AM42-0007-DIE Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs MMIC Power Amplifier, 2 W,
14.0 - 14.5 GHz
AM42-0007-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Typical Performance @ 25°C
Electrical Specifications 5: TB = +25°C , VDD = +9 V, VGG = -1.2V, Z0 = 50Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN < 0 dBm
dB
22
Input VSWR
Ratio
2.5:1
Output VSWR
Ratio
2.7:1
Saturated Output Power
PIN < +14 dBm
dBm
+33
Output Power @ 1dB Compression
dBm
31
+32
Output IP3
dBm
41
Power Added Efficiency (PAE)
PIN < +14 dBm
%
22
Bias Current
IDSQ (No RF)
IGG (No RF)
mA
mA
850
0.1
Thermal Resistance
θ CB26
°C/W
7
Detector Output Voltage (VDET)
Pin = +3 dBm, Ids = 750 mA Typ.
V
+3.5
5. 100% on wafer tested (50 µs pulse width, 20% duty factor) without resistor network on gates.
6. Channel to die backside.


Numéro de pièce similaire - AM42-0007-DIE

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
269Kb / 3P
   GaAs MMIC Power Amplifier, 2.0 W
AM42-0007-DIE MA-COM-AM42-0007-DIE_15 Datasheet
891Kb / 4P
   GaAs MMIC Power Amplifier, 2.0 W
More results

Description similaire - AM42-0007-DIE

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
M/A-COM Technology Solu...
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
logo
Mitsubishi Electric Sem...
MGFK33V4045 MITSUBISHI-MGFK33V4045 Datasheet
113Kb / 3P
   14.0-14.5GHz BAND 2W INTERNALLY MATCHED GaAs FET?
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 6.40 - 7.025 GHz
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Mitsubishi Electric Sem...
MGFK33V4045 MITSUBISHI-MGFK33V4045_97 Datasheet
285Kb / 4P
   14.0-14.5GHz BAND 2W INTERNALLY MATCHED GaAs FET?
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com