Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C512-15XC1 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M27C512-15XC1
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-15XC1 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M27C512-15XC1 Datasheet HTML 4Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 5Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 6Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 7Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 8Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 9Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 10Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 11Page - STMicroelectronics M27C512-15XC1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Device operation
M27C512
8/22
2.7
Program Inhibit
Programming of multiple M27C512s in parallel with different data is also easily
accomplished. Except for E, all like inputs including GVPP of the parallel M27C512 may be
common. A TTL low level pulse applied to a M27C512's E input, with VPP at 12.75V, will
program that M27C512. A high level E input inhibits the other M27C512s from being
programmed.
2.8
Program Verify
A verify (read) should be performed on the programmed bits to determine that they were
correctly programmed. The verify is accomplished with G at VIL. Data should be verified with
tELQV after the falling edge of E.
2.9
Electronic Signature
The Electronic Signature (ES) mode allows the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
ambient temperature range that is required when programming the M27C512. To activate
the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of
the M27C512. Two identifier bytes may then be sequenced from the device outputs by
toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during
Electronic Signature mode. Byte 0 (A0 = VIL) represents the manufacturer code and byte 1
(A0 = VIH) the device identifier code. For the STMicroelectronics M27C512, these two
identifier bytes are given in <Blue>Table 4. and can be read-out on outputs Q7 to Q0.


Numéro de pièce similaire - M27C512-15XC1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C512-15XC1 STMICROELECTRONICS-M27C512-15XC1 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-15XC1 STMICROELECTRONICS-M27C512-15XC1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-15XC1E STMICROELECTRONICS-M27C512-15XC1E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-15XC1F STMICROELECTRONICS-M27C512-15XC1F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-15XC1TR STMICROELECTRONICS-M27C512-15XC1TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Description similaire - M27C512-15XC1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com