Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCF5801ADBQ Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCF5801ADBQ
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801ADBQ Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CDCF5801ADBQ Datasheet HTML 2Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 3Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 4Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 5Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 6Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 7Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 8Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 9Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
VDDPD
2
* 0.2
VDDPD
2
) 0.2
VDDREF
2
* 0.2
VDDREF
2
) 0.2
TIMING REQUIREMENTS
CDCF5801A
SCAS816 – MARCH 2006
over operating free-air temperature (unless otherwise noted)(1)
VDDx(2)
Supply voltage range
-0.5 V to 4 V
Voltage range at any output terminal
-0.5 V to VDD + 0.5 V
Voltage range at any input terminal
-0.5 V to VDD + 0.5 V
Tstg
Storage temperature range
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminals.
POWER DISSIPATION RATING TABLE
TA≤ 25°C POWER
DERATING
TA = 85°C
PACKA
RATING
FACTOR(1)
POWER RATING
GE
ABOVE TA = 25°C
DBQ
830 mW
8.3 mW/°C
332 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance
when board-mounted and with no air flow.
MIN
NOM
MAX
UNIT
VDDP, VDDPA, VDDO
Supply voltage
3
3.3
3.6
V
VIH (CMOS)
High-level input voltage
0.7 VDD
V
VIL (CMOS)
Low-level input voltage
0.3 VDD
V
VIL (DLYCTRL, LEADLAG)
Input signal low voltage
V
VIH (DLYCTRL, LEADLAG)
Input signal high voltage
V
(VDDPD)
Input reference voltage for DLYCNTRL and LEADLAG
1.2
VDD
V
IOH
High-level output current
-16
mA
IOL
Low-level output current
16
mA
(VDDREF) (see Application
Input reference voltage for REFCLK
1.2
VDD
V
section)
VIL (see Application section)
REFCLK input low voltage
V
VIH (see Application section)
REFCLK input high voltage
V
TA
Operating free-air temperature
-40
85
°C
PARAMETER
MIN
MAX
UNIT
Fmod
Input frequency of modulation, (if driven by SSC CLKIN)
33
kHz
Modulation index, nonlinear maximum 0.5%
0.6%
SR
Input slew rate
1
4
V/ns
Input duty cycle on REFCLK
40%
60%
Input frequency on REFCLK
12.5
240
MHz
Output frequency on CLKOUT and CLKOUTB
25
280
MHz
Allowable frequency on DLYCTRL
240
MHz
6
Submit Documentation Feedback


Numéro de pièce similaire - CDCF5801ADBQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCF5801 TI-CDCF5801 Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDCF5801 TI1-CDCF5801 Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
CDCF5801DBQ TI-CDCF5801DBQ Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDCF5801DBQ TI1-CDCF5801DBQ Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
CDCF5801DBQG4 TI1-CDCF5801DBQG4 Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
More results

Description similaire - CDCF5801ADBQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCF5801 TI-CDCF5801 Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com