Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC4066F3A Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC4066F3A
Description  High-Speed CMOS Logic Quad Bilateral Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4066F3A Fiches technique(HTML) 4 Page - Texas Instruments

  CD54HC4066F3A Datasheet HTML 1Page - Texas Instruments CD54HC4066F3A Datasheet HTML 2Page - Texas Instruments CD54HC4066F3A Datasheet HTML 3Page - Texas Instruments CD54HC4066F3A Datasheet HTML 4Page - Texas Instruments CD54HC4066F3A Datasheet HTML 5Page - Texas Instruments CD54HC4066F3A Datasheet HTML 6Page - Texas Instruments CD54HC4066F3A Datasheet HTML 7Page - Texas Instruments CD54HC4066F3A Datasheet HTML 8Page - Texas Instruments CD54HC4066F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
“ON” Resistance
IO = 1mA
(Figure 1)
RON
VCC
VCC or
GND
4.5
-
25
80
-
106
-
128
6
-
20
75
-
94
-
113
9
-
15
60
-
78
-
95
VCC to
GND
4.5
-
35
95
-
118
-
142
6
-
24
84
-
105
-
126
9
-
16
70
-
88
-
105
“ON” Resistance
Between Any Two
Switches
∆RON
VCC
-
4.5
-
1
-
----
6
-
0.75
-
----
9
-
0.5
-
----
Quiescent Device
Current
ICC
VCC or
GND
-
6
-
-
2
-
20
-
40
µA
10
-
-
16
-
160
-
320
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
Input Leakage
Current
(Any Control)
IIL
VCC or
GND
-
5.5
-
-
±0.1
-
±1-
±1
µA
Off-Switch Leakage
Current
IZ
VIL
VCC or
GND
5.5
-
-
±0.1
-
±1-
±1
µA
“ON” Resistance
IO = 1mA
(Figure 1)
RON
VCC
VCC or
GND
4.5
-
25
80
-
106
-
128
VCC to
GND
4.5
-
35
95
-
118
-
142
“ON” Resistance
Between Any Two
Switches
∆RON
VCC
-
4.5
-
1
-
----
Quiescent Device
Current
ICC
VCC or
GND
-
5.5
-
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 3)
VCC
- 2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
3. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
VIS (V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
1
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Specifica-
tions table, e.g., 360
µA max at 25oC.
CD54HC4066, CD74HC4066, CD74HCT4066


Numéro de pièce similaire - CD54HC4066F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4066F3A TI-CD54HC4066F3A Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066F3A TI-CD54HC4066F3A Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066F3A TI1-CD54HC4066F3A Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results

Description similaire - CD54HC4066F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com