Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBTLV3384PW Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBTLV3384PW
Description  LOW-VOLTAGE 10-BIT FET BUS SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3384PW Fiches technique(HTML) 7 Page - Texas Instruments

  SN74CBTLV3384PW Datasheet HTML 1Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 2Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 3Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 4Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 5Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 6Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 7Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 8Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MECHANICAL DATA
MSOI004E JANUARY 1995 − REVISED MAY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DBQ (R−PDSO−G**)
PLASTIC SMALL−OUTLINE PACKAGE
4073301/F 02/2002
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
0.244 (6,20)
0.228 (5,80)
112
24
13
0.150 (3,81)
0.157 (3,99)
0.008 (0,20) NOM
0
°−8°
Gauge Plane
0.012 (0,30)
0.008 (0,20)
0.197
(5,00)
(4,80)
0.189
A MAX
A MIN
PINS **
DIM
16
0.337
(8,56)
(8,74)
0.344
20
24
A
(8,74)
0.344
(8,56)
0.337
28
0.394
(10,01)
0.386
(9,80)
M0−137
VARIATION
AB
AD
AE
AF
D
0.025 (0,64)
0.005 (0,13)
0.004 (0,10)
NOTES: A.
All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO−137.


Numéro de pièce similaire - SN74CBTLV3384PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3384PW TI-SN74CBTLV3384PW Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results

Description similaire - SN74CBTLV3384PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com