Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS175BD Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
SN74AS175BD Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 21 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74AS175BNE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74AS175BNSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BNSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BNSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54ALS174FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54ALS174J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54ALS174W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SNJ54ALS175FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54ALS175J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54ALS175W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SNJ54AS174FK NRND LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54AS174J NRND CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54AS175BFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54AS175BJ ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis. PACKAGE OPTION ADDENDUM www.ti.com 4-Jun-2007 Addendum-Page 3 |
Numéro de pièce similaire - SN74AS175BD |
|
Description similaire - SN74AS175BD |