Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT652ADWRG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
SN74ABT652ADWRG4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 23 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9324202Q3A ACTIVE LCCC FK 28 1 TBD POST-PLATE N / A for Pkg Type 5962-9324202QKA ACTIVE CFP W 24 1 TBD A42 N / A for Pkg Type 5962-9324202QLA ACTIVE CDIP JT 24 1 TBD A42 SNPB N / A for Pkg Type SN74ABT652ADBLE OBSOLETE SSOP DB 24 TBD Call TI Call TI SN74ABT652ADBR ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADBRE4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADBRG4 ACTIVE SSOP DB 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADW ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADWE4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADWG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADWR ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADWRE4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ADWRG4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ANSR ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ANSRE4 ACTIVE SO NS 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ABT652ANSRG4 ACTIVE SO NS 24 2000 TBD Call TI Call TI SN74ABT652ANT ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74ABT652ANTE4 ACTIVE PDIP NT 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SNJ54ABT652AFK ACTIVE LCCC FK 28 1 TBD POST-PLATE N / A for Pkg Type SNJ54ABT652AJT ACTIVE CDIP JT 24 1 TBD A42 SNPB N / A for Pkg Type SNJ54ABT652AW ACTIVE CFP W 24 1 TBD A42 N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS PACKAGE OPTION ADDENDUM www.ti.com 1-Jun-2007 Addendum-Page 1 |
Numéro de pièce similaire - SN74ABT652ADWRG4 |
|
Description similaire - SN74ABT652ADWRG4 |