Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NDL7401P Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce NDL7401P
Description  1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NDL7401P Fiches technique(HTML) 3 Page - California Eastern Labs

  NDL7401P_00 Datasheet HTML 1Page - California Eastern Labs NDL7401P_00 Datasheet HTML 2Page - California Eastern Labs NDL7401P_00 Datasheet HTML 3Page - California Eastern Labs NDL7401P_00 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NDL7401P SERIES
FORWARD CURRENT
vs. FORWARD VOLTAGE
Modulation Frequency, f (GHz)
Forward Voltage, VF (V)
TYPICAL PERFORMANCE CURVES (TC = 25°C)
FREQUENCY RESPONSE
LONGITUDINAL MODE FROM FIBER
LD Monitor Current, Im (mA)
Wavelenght,
λ (nm)
OUTPUT POWER FROM FIBER
vs. LD MONITOR CURRENT
1300
1310
1320
3.0
2.0
1.0
0
0.5
1.0
1.5
50
40
30
20
10
0
12
01
-12
9
6
3
0
-3
-6
-9
23
4
5


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn