Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79628DRBTG4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS79628DRBTG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79628DRBTG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS79628DRBTG4 Datasheet HTML 3Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 4Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 5Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 6Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 9Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 10Page - Texas Instruments TPS79628DRBTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
0
50
100
150
200
250
300
350
0 100 200 300 400 500 600 700 800 9001000
IOUT (mA)
TJ = 125°C
TJ = −40°C
TJ = 25°C
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
TJ = 125°C
TJ = −40°C
TJ = 25°C
IOUT = 1 A
COUT = 10 µF
CNR = 0.01 µF
200
µs/Div
4.0
3.5
2.5
0.5
0
3.0
1.0
1.5
2.0
3
2
1
0
4
5
6
7
8
9
10
VOUT = 2.5 V
RL = 10 Ω
CNR = 0.01 µF
VIN
VOUT
IOUT (mA)
100
10
1
0.1
0.01
COUT = 10.0 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 1 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
IOUT (mA)
100
10
1
0.1
0.01
COUT = 2.2 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
TYPICAL CHARACTERISTICS (continued)
TPS79630
TPS79601
DROPOUT VOLTAGE
DROPOUT VOLTAGE
TPS79625
vs
vs
POWER UP/POWER DOWN
OUTPUT CURRENT
INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
TPS79630
TPS79630
TPS79630
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
(ESR)
(ESR)
(ESR)
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Figure 21.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS79628DRBTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79628DRB TI1-TPS79628DRB Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results

Description similaire - TPS79628DRBTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com