Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM-1256 Datasheet(Fiches technique) 3 Page - Rohm

Numéro de pièce LM-1256
Description  16×16 matrix displays
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM-1256 Datasheet(HTML) 3 Page - Rohm

  LM-1256 Datenblatt HTML 1Page - Rohm LM-1256 Datenblatt HTML 2Page - Rohm LM-1256 Datasheet HTML 3Page - Rohm LM-1256 Datenblatt HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM-1256 Series
LED displays
Rev.C
3/3
Electrical and optical characteristics (Ta=25
°C)
Single-color type
Parameter
Symbol
Red
∗1
Conditions
Min.
Typ. Max.
2.5
1.75
660
25
100
IF
=20mA
VR
=3V
IF
=20mA
IF
=20mA
VF
IR
λP
LB1
Forward voltage
Reverse current
peak wavelength
Spectral half-
power bandwidth
Not designed for radiation resistance.
∆λ
−−
−−
Unit
V
µA
nm
nm
∗1 IF = 20mA
Luminous intensity
Color
Red
∗1
Type
LB1
Min.
22
Typ.
56
Max.
Unit
mcd
Note :
∗1Measured at IF = 20mA


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn