Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3600D20PWR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3600D20PWR
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3600D20PWR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS3600D20PWR Datasheet HTML 4Page - Texas Instruments TPS3600D20PWR Datasheet HTML 5Page - Texas Instruments TPS3600D20PWR Datasheet HTML 6Page - Texas Instruments TPS3600D20PWR Datasheet HTML 7Page - Texas Instruments TPS3600D20PWR Datasheet HTML 8Page - Texas Instruments TPS3600D20PWR Datasheet HTML 9Page - Texas Instruments TPS3600D20PWR Datasheet HTML 10Page - Texas Instruments TPS3600D20PWR Datasheet HTML 11Page - Texas Instruments TPS3600D20PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
8
detailed description (continued)
power-fail comparator (PFI and PFO)
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The power-fail
input (PFI) will be compared with an internal voltage reference of 1.15 V. If the input voltage falls below the
power-fail threshold, V(PFI), of 1.15 V typical, the power-fail output (PFO) goes low. If it goes above V(PFI) plus
about 12-mV hysteresis, the output returns to high. By connecting two external resistors, it is possible to
supervise any voltages above V(PFI). The sum of both resistors should be about 1 MΩ, to minimize power
consumption and also to ensure that the current in the PFI pin can be neglected compared with the current
through the resistor network. The tolerance of the external resistors should be not more than 1% to ensure
minimal variation of sensed voltage.
If the power-fail comparator is unused, connect PFI to ground and leave PFO unconnected.
BATTON
Most often BATTON is used as a gate drive for an external pass transistor for high-current applications. In
addition it can be also used as a logic output to indicate the battery switchover status. BATTON is high when
VOUT is connected to VBAT.
BATTON can be directly connected to the gate of a PMOS transistor (see Figure 3). No current-limiting resistor
is required. When using a PMOS transistor, it must be connected backwards from the traditional method (see
Figure 3). This method orients the body diode from VDD to VOUT and prevents the backup battery from
discharging through the FET when its gate is high.
TPS3600
VDD
VOUT
BATTON
DS
G
GND
PMOS FET
Body Diode
Figure 3. Driving an External MOSFET Transistor With BATTON
backup-battery switchover
In the event of a brownout or power failure, it may be necessary to keep a processor running. If a backup battery
is installed at VBAT, the devices automatically connect the processor to backup power when VDD fails. In order
to allow the backup battery (e.g., a 3.6-V lithium cell) to have a higher voltage than VDD, this family of supervisors
will not connect VBAT to VOUT when VBAT is greater than VDD. VBAT only connects to VOUT (through a 2-Ω switch)
when VOUT falls below V(SWN) and VBAT is greater than VDD. When VDD recovers, switchover is deferred either
until VDD crosses VBAT, or when VDD rises above the threshold V(SWP). (See the timing diagram)
VDD > VBAT
VDD > V(SW)
VOUT
1
1
VDD
1
0
VDD
0
1
VDD
0
0
VBAT
www.ti.com


Numéro de pièce similaire - TPS3600D20PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3600D20PWR TI1-TPS3600D20PWR Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWRG4 TI1-TPS3600D20PWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Description similaire - TPS3600D20PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com