Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTR18 Fiches technique(PDF) 4 Page - Rohm

No de pièce KTR18
Description  Endured high voltage fixed thick film chip resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

KTR18 Fiches technique(HTML) 4 Page - Rohm

  KTR18_1 Datasheet HTML 1Page - Rohm KTR18_1 Datasheet HTML 2Page - Rohm KTR18_1 Datasheet HTML 3Page - Rohm KTR18_1 Datasheet HTML 4Page - Rohm KTR18_1 Datasheet HTML 5Page - Rohm KTR18_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KTR18
Resistors
Rev.B
4/5
Dimensions
RESISTANCE
(
Ω)
Fig.2 Dimensions (length)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
10
1
100
1k
10k 100k 1M 10M
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
10
1
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
Fig.3 Dimensions (width)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
10
1
100
1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
Fig.4 Dimensions (thickness)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
Electrical characteristics
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.5 Resistance (J class)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
10M
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.6 Resistance (F class)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
10M
RESISTANCE
(
Ω)
Fig.7 Variation resistance with
temperature (J class)
−500
−400
−300
−200
−100
0
100
200
300
500
400
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
−500
−400
−300
−200
−100
0
100
200
300
500
400
RESISTANCE
(
Ω)
Fig.8 Variation resistance with
temperature (F class)
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
RESISTANCE
(
Ω)
Fig.9 Overload
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 800V
−4.0
−5.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
100
1k
10k
100k
1M
RESISTANCE
(
Ω)
Fig.10 Solderability
10
10M
JIS C 5201-1 4.17
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 235
°C 2s
20
30
40
50
60
70
80
90
100


Html Pages

1  2  3  4  5  6