Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTR18 Fiches technique(PDF) 3 Page - Rohm

No de pièce KTR18
Description  Endured high voltage fixed thick film chip resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

KTR18 Fiches technique(HTML) 3 Page - Rohm

  KTR18_1 Datasheet HTML 1Page - Rohm KTR18_1 Datasheet HTML 2Page - Rohm KTR18_1 Datasheet HTML 3Page - Rohm KTR18_1 Datasheet HTML 4Page - Rohm KTR18_1 Datasheet HTML 5Page - Rohm KTR18_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KTR18
Resistors
Rev.B
3/5
Packaging
C
AB
D
AB
C
D
P0
P2
P2
E
F
W
T2
φD2
A2
B2
Label
EIAJ ET-7200B compliant
Thick paper
mount
(Underside paper tape)
Chip resistor Square punchout hole
Heat crimp cover/Tape
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ13±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5
+0.1
0
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.95 +
0.1
−0.05
3.5 +
0.15
−0.05
(Unit: mm)
(Unit: mm)
WF
E
A2
B2
D2
P2
P2
P2
T2
Reel
Taping
Makeup of the part number
Part No.
KT
8
1
R
Resistance tolerance
F
J
Nominal resistance
EZP
Paper tape (4mm Pitch)
φ180mm (7in.)
5,000
E Z P
J
KTR18
±1%
±5%
Packaging Specifications Code
Reel (
φ180) : JEITA ET-7200B
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
J(
±5%)
F(
±1%)
F
J
:
:
3 digits
4 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code


Html Pages

1  2  3  4  5  6