Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADR1581 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADR1581
Description  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR1581 Fiches technique(HTML) 4 Page - Analog Devices

  ADR1581 Datasheet HTML 1Page - Analog Devices ADR1581 Datasheet HTML 2Page - Analog Devices ADR1581 Datasheet HTML 3Page - Analog Devices ADR1581 Datasheet HTML 4Page - Analog Devices ADR1581 Datasheet HTML 5Page - Analog Devices ADR1581 Datasheet HTML 6Page - Analog Devices ADR1581 Datasheet HTML 7Page - Analog Devices ADR1581 Datasheet HTML 8Page - Analog Devices ADR1581 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADR1581
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Reverse Current
25 mA
Forward Current
20 mA
Internal Power Dissipation1
SOT-23 (RT)
0.3 W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
ADR1581/RT
−55°C to +125°C
ESD CAUTION
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Susceptibility2
Human Body Model
4 kV
Machine Model
400 V
1 Specification is for device (SOT-23 package) in free air at 25°C: θJA = 300°C/W.
2 The human body model is a 100 pF capacitor discharged through 1.5 kΩ. For
the machine model, a 200 pF capacitor is discharged directly into the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM4041 1.225V Precision micropower shunt voltage reference 1  2  3  4  5  More Zetex Semiconductors
ZR12D PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZR423 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ADR1500 1.2875 V Micropower Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
LM4040_07 Precision micropower shunt voltage references 1  2  3  4  5  More Zetex Semiconductors
ZR25D PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZR4040-41 PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
AMC431 PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More List of Unclassifed Manufacturers
ZRA124 PRECISION 1.24 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn