Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9957 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9957
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9957 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9957 Datasheet HTML 2Page - Analog Devices AD9957 Datasheet HTML 3Page - Analog Devices AD9957 Datasheet HTML 4Page - Analog Devices AD9957 Datasheet HTML 5Page - Analog Devices AD9957 Datasheet HTML 6Page - Analog Devices AD9957 Datasheet HTML 7Page - Analog Devices AD9957 Datasheet HTML 8Page - Analog Devices AD9957 Datasheet HTML 9Page - Analog Devices AD9957 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9957
Rev. 0 | Page 6 of 60
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS LOGIC INPUTS
Voltage
Logic 1
2.0
V
Logic 0
0.8
V
Current
Logic 1
90
120
μA
Logic 0
38
50
μA
Input Capacitance
2
pF
CMOS LOGIC OUTPUTS
1 mA load
Voltage
Logic 1
2.8
V
Logic 0
0.4
V
POWER SUPPLY CURRENT
DVDD_I/O (3.3V) Pin Current Consumption
QDUC mode
16
mA
DVDD (1.8V) Pin Current Consumption
QDUC mode
610
mA
AVDD (3.3V) Pin Current Consumption
QDUC mode
28
mA
AVDD (1.8V) Pin Current Consumption
QDUC mode
105
mA
POWER CONSUMPTION
Single Tone Mode
800
mW
Continuous Modulation
8× interpolation
1400
1800
mW
Inverse Sinc Filter Power Consumption
150
200
mW
Full Sleep Mode
12
28
mW
1 The system clock is limited to 750 MHz maximum in BFI mode.
2 The gain value for VCO range Setting 5 is measured at 1000 MHz.
3 Wake-up time refers to the recovery from analog power-down modes. The longest time required is for the Reference Clock Multiplier PLL to relock to the reference.
4 SYSCLK cycle refers to the actual clock frequency used on-chip by the DDS. If the reference clock multiplier is used to multiply the external reference clock frequency,
the SYSCLK frequency is the external frequency multiplied by the reference clock multiplication factor. If the reference clock multiplier and divider are not used, the
SYSCLK frequency is the same as the external reference clock frequency.


Numéro de pièce similaire - AD9957

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
More results

Description similaire - AD9957

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com