Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9910 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9910 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9910 Datasheet HTML 2Page - Analog Devices AD9910 Datasheet HTML 3Page - Analog Devices AD9910 Datasheet HTML 4Page - Analog Devices AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices AD9910 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9910
Rev. 0 | Page 6 of 60
Parameter
Conditions/Comments
Min
Typ
Max
Unit
201.1 MHz Analog Output
±500 kHz
–87
dBc
±125 kHz
–87
dBc
±12.5 kHz
–91
dBc
301.1 MHz Analog Output
±500 kHz
–86
dBc
±125 kHz
–86
dBc
±12.5 kHz
–88
dBc
401.3 MHz Analog Output
±500 kHz
–84
dBc
±125 kHz
–84
dBc
±12.5 kHz
–85
dBc
SERIAL PORT TIMING CHARACTERISTICS
Maximum SCLK Frequency
70
Mbps
Minimum SCLK Clock Pulse Width
Low
4
ns
High
4
ns
Maximum SCLK Rise/Fall Time
2
ns
Minimum Data Setup Time to SCLK
5
ns
Minimum Data Hold Time to SCLK
0
ns
Maximum Data Valid Time in Read Mode
11
ns
I/O_UPDATE/PS0/PS1/PS2 TIMING
CHARACTERISTICS
Minimum Pulse Width
High
1
SYNC_CLK cycle
Minimum Setup Time to SYNC_CLK
2
ns
Minimum Hold Time to SYNC_CLK
0
ns
Tx_ENABLE and 16-BIT PARALLEL (DATA) BUS
TIMING
Maximum PDCLK Frequency
250
MHz
Tx_ENABLE/Data Setup Time (to PDCLK)
2
ns
Tx_ENABLE/Data Hold Time (to PDCLK)
1
ns
MISCELLANEOUS TIMING CHARACTERISTICS
Wake-Up Time2
1
ms
Fast Recovery
8
SYSCLK cycles
Full Sleep Mode
150
μs
Minimum Reset Pulse Width High
5
SYSCLK cycles3
DATA LATENCY (PIPE_LINE DELAY)
Data Latency, Single Tone or using Profiles
Frequency, Phase, Amplitude-to-DAC Output
Matched latency enabled and OSK
enabled
91
SYSCLK cycles
Frequency, Phase-to-DAC Output
Matched latency enabled and OSK
disabled
79
SYSCLK cycles
Matched latency disabled
79
SYSCLK cycles
Amplitude-to-DAC Output
Matched latency disabled
47
SYSCLK cycles
Data Latency using RAM Mode
Frequency, Phase-to-DAC Output
Matched latency enabled/disabled
94
SYSCLK cycles
Amplitude-to-DAC Output
Matched latency enabled
106
SYSCLK cycles
Matched latency disabled
58
SYSCLK cycles
Data Latency, Sweep Mode
Frequency, Phase-to-DAC Output
Matched latency enabled/disabled
91
SYSCLK cycles
Amplitude-to-DAC Output
Matched latency enabled
91
SYSCLK cycles
Matched latency disabled
47
SYSCLK cycles
Data Latency, 16-Bit Input Modulation Mode
Frequency, Phase-to-DAC Output
Matched latency enabled
103
SYSCLK cycles
Matched latency disabled
91
SYSCLK cycles


Numéro de pièce similaire - AD9910

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910BSVZ AD-AD9910BSVZ Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910BSVZ-REEL AD-AD9910BSVZ-REEL Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
More results

Description similaire - AD9910

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858 AD-AD9858 Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9953 AD-AD9953_17 Datasheet
648Kb / 32P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_17 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com