Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33996EKR2 Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc

No de pièce MCZ33996EKR2
Description  16-Output Switch with SPI Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33996EKR2 Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33996EKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33996
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 3.1 V SOPWR 5.5 V, 5.0 V VPWR 18 V, -40°C TA 125°C unless otherwise
noted. Where applicable, typical values noted reflect the parameter ‘s approximate value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY (VPWR)
Supply Voltage Range
Fully Operational
VPWR(FO)
5.0
27
V
Supply Current
All Outputs ON, IOUT = 0.3 A
IPWR(ON)
4.0
8.0
mA
Sleep State Supply Current at RST
≤ 0.8 and/or
SOPWR ≤ 1.5 V
IPWR(SS)
_
1.0
10
µA
Overvoltage Shutdown
VOV
27.5
31.5
35
V
Overvoltage Shutdown Hysteresis
VOV(HYS)
0.6
1.4
2.3
V
VPWR Undervoltage Shutdown
VPWR(UV)
3.2
4.0
V
SPI Interface Logic Supply Voltage
SOPWR
3.1
5.5
V
SPI Interface Logic Supply Current (RST Pin High)
ISOPWR(RSTH)
100
500
µA
SPI Interface Logic Supply Current (RST Pin Low)
ISOPWR(RSTL)
-10
10
µA
SPI Interface Logic Supply Undervoltage Lockout Threshold SOPWR(UNVOL)
1.5
2.5
3.0
V
POWER OUTPUT (VPWR)
Drain-to-Source ON Resistance (IOUT = 0.35 A, VPWR =
13 V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
RDS(ON)
0.75
0.55
0.45
1.1
Output Self-Limiting Current
Outputs Programmed ON
IOUT(lim)
0.9
1.2
2.5
A
Output Fault Detect Threshold (10)
Outputs Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Output Off Open Load Detect Current (11)
Outputs Programmed OFF (VPWR = 5.0 V, 13 V, 18 V)
IOCO
25
50
100
µA
Output Clamp Voltage
IOUT = 20 ≤ mA
VCL
45
50
55
V
Output Leakage Current
SOPWR ≤ 1.5 V, VOUT 1-16 = 18.0 V
IOUT(lkg)
-10
2.0
10
µA
Overtemperature Shutdown (Outputs OFF) (12)
TLIM
155
165
180
°C
Overtemperature Shutdown Hysteresis (12)
TLIM(hys)
5.0
10
20
°C
Notes
10.
Output Fault Detect Thresholds with outputs programmed OFF. Output Fault Detect Thresholds are the same for output open and
shorts.
11.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded to be OFF.
12.
This parameter is guaranteed by design; however, it is not production tested.


Numéro de pièce similaire - MCZ33996EKR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33996EKR2 FREESCALE-MCZ33996EKR2 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
More results

Description similaire - MCZ33996EKR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com