Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM416S8030BN Fiches technique(PDF) 4 Page - Samsung semiconductor

No de pièce KM416S8030BN
Description  128Mb SDRAM Shrink TSOP 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S8030BN Fiches technique(HTML) 4 Page - Samsung semiconductor

  KM416S8030BN Datasheet HTML 1Page - Samsung semiconductor KM416S8030BN Datasheet HTML 2Page - Samsung semiconductor KM416S8030BN Datasheet HTML 3Page - Samsung semiconductor KM416S8030BN Datasheet HTML 4Page - Samsung semiconductor KM416S8030BN Datasheet HTML 5Page - Samsung semiconductor KM416S8030BN Datasheet HTML 6Page - Samsung semiconductor KM416S8030BN Datasheet HTML 7Page - Samsung semiconductor KM416S8030BN Datasheet HTML 8Page - Samsung semiconductor KM416S8030BN Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KM416S8030BN
Rev. 0.1 Aug. 1999
CMOS SDRAM
Preliminary
shrink-TSOP
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
N.C/RFU
UDQM
CLK
CKE
N.C
A11
A9
A8
A7
A6
A5
A4
VSS
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA8
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
L(U)DQM
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
DQ0 ~ 15
Data input/output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data output power/ground
Isolated power supply and ground for the output buffers to provide improved noise
immunity.
N.C/RFU
No connection
/reserved for future use
This pin is recommended to be left No Connection on the device.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
PIN CONFIGURATION (Top view)
54Pin sTSOP
(400mil x 441mil)
(0.4 mm Pin pitch)


Numéro de pièce similaire - KM416S8030BN

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/F10 SAMSUNG-KM416S8030BT-G/F10 Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/F8 SAMSUNG-KM416S8030BT-G/F8 Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/FA SAMSUNG-KM416S8030BT-G/FA Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/FH SAMSUNG-KM416S8030BT-G/FH Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results

Description similaire - KM416S8030BN

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com