Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33889BEGR2 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MCZ33889BEGR2
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33889BEGR2 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33889BEGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33889BEGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33889
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ESD voltage (HBM 100 pF, 1.5 k) (3)
CANL, CANH, HS1, L0, L1
RTH, RTL
All other pins
VESDH
±4.0
±3.0
±2.0
kV
ESD voltage (Machine Model) All pins, MC33889B (3) (4)
VESD-MM
±200
V
ESD voltage (CDM) All pins, MC33889D (4)
Pins 1,14,15, & 28
All other pins
VESD-CDM
750
500
V
RTH, RTL Termination Resistance
RT
500 to 16000
ohms
THERMAL RATINGS
Junction Temperature
TJ
-40 to 150
°C
Storage Temperature
TS
-55 to 165
°C
Ambient Temperature (for info only)
TA
-40 to 125
°C
Thermal resistance junction to gnd pin (5)
RTHJ/P
20
°C/W
Notes:
3.
Testing done in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 ), Machine Model (CZAP=200 pF, RZAP=0 ).
4.
ESD machine model (MM) is for MC33889B only. MM is now replaced by CDM (Charged Discharged model).
5.
Gnd pins 6,7,8,9,20, 21, 22, 23.
Figure 3. Transient test pulse for L0 and L1 inputs
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Max
Unit
LX
Transient Pulse
Gnd
Gnd
Generator
1nF
Note: Waveform in accordance to ISO7637 part1, test pulses 1, 2, 3a and 3b.
(note)
10 k


Numéro de pièce similaire - MCZ33889BEGR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33889BEG/R2 FREESCALE-MCZ33889BEG/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Description similaire - MCZ33889BEGR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com