Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8213YRMZ-RL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8213YRMZ-RL
Description  Dual, High Voltage Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8213YRMZ-RL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8213YRMZ-RL Datasheet HTML 3Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 4Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 5Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 6Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 7Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 8Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 9Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 10Page - Analog Devices AD8213YRMZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8213
Rev. 0 | Page 7 of 16
0.2
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
–5
65
55
45
35
25
15
5
INPUT COMMON-MODE VOLTAGE (V)
Figure 10. Input Bias Current vs. Common-Mode Voltage
(Per Input)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–4
–2
0
2
4
6
8
65
COMMON-MODE VOLTAGE (V)
Figure 11. Supply Current vs. Common-Mode Voltage
TIME (2µs/DIV)
100mV/DIV
INPUT
OUTPUT
OUTPUT
1V/DIV, CF = 100pF
1V/DIV, CF = 20pF
Figure 12. Fall Time
TIME (2µs/DIV)
100mV/DIV
1V/DIV, CF = 100pF
1V/DIV, CF = 20pF
INPUT
OUTPUT
OUTPUT
Figure 13. Rise Time
TIME (1µs/DIV)
200mV/DIV
2V/DIV, CF = 20pF
INPUT
OUTPUT
Figure 14. Differential Overload Recovery (Falling)
TIME (1µs/DIV)
200mV/DIV
2V/DIV, CF = 20pF
INPUT
OUTPUT
Figure 15. Differential Overload Recovery (Rising)


Numéro de pièce similaire - AD8213YRMZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8213YRMZ-RL AD-AD8213YRMZ-RL Datasheet
409Kb / 14P
   Dual, High Voltage, Current Shunt Monitor
More results

Description similaire - AD8213YRMZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8213 AD-AD8213_16 Datasheet
409Kb / 14P
   Dual, High Voltage, Current Shunt Monitor
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com