Moteur de recherche de fiches techniques de composants électroniques |
|
LM1771TMMX Fiches technique(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM1771TMMX Fiches technique(HTML) 9 Page - National Semiconductor (TI) |
9 / 17 page Application Information (Continued) the part will be placed into a shutdown state and the drivers will be tri-stated. This allows the LM1771 to be easily se- quenced using a resistive divider from the output of another regulator, or the working input voltage range of the LM1771 to be set using a resistive divider on V IN. There is no internal pull-up connected to the EN pin, so an external signal is required to initiate switching. It should be noted that when power is first applied to the LM1771, there is a slight delay before the enable comparator is functional. During this delay, typically on the order of 400 µs, the part will be disabled regardless of the voltage on the EN pin. The falling enable threshold features 50 mV of hysteresis SOFT-START To limit in-rush current and allow for a controlled startup the LM1771 incorporates an internal soft-start scheme. Every time the enable voltage rises rises above 1.2V while V IN is greater than the UVLO threshold, the LM1771 goes through an adaptive soft-start that limits the on-time and expands the minimum off-time. In addition the part will only activate the PMOS allowing a discontinuous mode of operation enabling a pre-biased startup. The time spent in soft-start will depend on the load applied to the output, but is usually close to a set time that is dependent on the timing option. The approximate soft-start time can be seen below for each timing option. Product ID Timing T SS LM1771S 0.5 µs 1 ms LM1771T 1.0 µs 1.2 ms LM1771U 2.0 µs 1.8 ms It should be noted that as soon as soft-start terminates the short-circuit protection is enabled. This means that if the output voltage does not reach at least 68% of its final value the part will latch off. Therefore, if the input supply is ex- tremely slow rising such that at the end of soft-start the input voltage is still near the UVLO threshold, a timing option should be chosen to ensure that maximum duty-cycle per- mits the output to meet the minimum condition. As a general recommendation it is advisable to use the 2000 ns option (LM1771U) in conditions where the output voltage is 2.5V or greater to avoid false latch offs when there is concern re- garding the input supply slew rate. In some situations, the internal soft-start routine can create a slight overshoot on the output voltage. If this must be avoided, the use of a feed-forward capacitor as detailed in the feed-forward capacitor section of this datasheet is rec- ommended. JITTER The LM1771 utilizes an adaptive on-time control scheme that relies on the output voltage ripple to provide a consistent switching frequency. Under certain conditions, excessive noise can couple onto the feedback pin causing the switch node to appear to have a slight amount of jitter. This is not indicative of an unstable design. The output voltage will still regulate to the exact same value. Careful component selec- tion and layout should minimize any external influence. In addition to any external noise that can add to the jitter seen on the switch node, the LM1771 will always have a slight amount of switch jitter. This is because the LM1771 makes a small alteration in the reference voltage every 128 cycles to improve its accuracy and long term performance. This has the effect of causing a change in the switching frequency at that instant. When viewed on an oscilloscope this can be seen as a jitter in the switch node. The change in feedback voltage or output voltage, however, is almost indis- tinguishable. Design Guide The following section walks the designer through the steps necessary to select the external components to build a fully functional power supply. As with any DC-DC converter nu- merous trade-offs are possible to optimize the design for efficiency, size or performance. These will be taken into account and highlighted throughout this discussion. The first equation to calculate for any buck converter is duty-cycle. Ignoring conduction losses associated with the FETs and parasitic resistances it can be approximated by: A more accurate calculation for duty-cycle can be used that takes into account the voltage drops across the FETs. This equation can be used to determine the slight load depen- dency on switch frequency if needed. Otherwise the simpli- fied equation works well for component calculation. FREQUENCY SELECTION The LM1771 is available with three preset timing options that select the on-time and hence determine the switching fre- quency of the application. Increasing the switching fre- quency has the effect of reducing the inductor size needed for the application while requiring a slight trade-off in effi- ciency. The table below shows the same frequency table as shown earlier, with the exception that the recommended timing option for each V OUT is highlighted. It is not recom- mended to use a high switching frequency with V OUT equal to or greater than 2.5V due to the maximum duty-cycle limitations of the device coupled with the internal startup. V OUT Timing Options 500 ns 1000 ns 2000 ns 0.8 485 242 - 1 606 303 - 1.2 727 364 - 1.5 909 455 227 1.8 - 545 273 2.5 - - 379 3.3 - - 500 Recommended switching frequency (kHz) based on output voltage and timing option. INDUCTOR SELECTION The inductor selection is an iterative process likely requiring several passes before settling on a final value. The reason for this is because it influences the amount of ripple seen at the output, a critical component to ensure general stability of an adaptive on-time circuit. For the first pass at inductor selection the value can be obtained by targeting a maximum www.national.com 9 |
Numéro de pièce similaire - LM1771TMMX |
|
Description similaire - LM1771TMMX |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |